Electronic Components Datasheet Search
  English  ▼

X  

ADUM5201W Datasheet (PDF) - Analog Devices

ADUM5201W Datasheet PDF - Analog Devices
Part # ADUM5201W
Download  ADUM5201W Download
File Size   515.05 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter

ADUM5201W Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM5201W Datasheet PDF - Analog Devices

Part # ADUM5201W
Download  ADUM5201W Click to download

File Size   515.05 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter

ADUM5201W Datasheet (HTML) - Analog Devices


ADUM5201W Product details

FEATURES
Qualified for automotive applications
isoPower integrated, isolated dc-to-dc converter
Regulated 3.3 V or 5 V output
Up to 400 mW output power
Dual, dc-to-25 Mbps (NRZ) signal isolation channels
16-lead SOIC package with 7.6 mm creepage
High temperature operation: 105°C maximum
High common-mode transient immunity: >25 kV/µs
Safety and regulatory approvals
UL recognition
2500 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A)
VDE certificate of conformity
IEC 60747-5-2 (VDE 0884, Part 2):2003-01
VIORM = 560 VPEAK

APPLICATIONS
Industrial field bus isolation
Power supply start-up bias and gate drives
Isolated sensor interfaces
Automotive systems

GENERAL DESCRIPTION
The ADuM5200W/ADuM5201W/ADuM5202W1 are dualchannel digital isolators with isoPower®, an integrated, isolated dcto-dc converter. Based on the Analog Devices, Inc., iCoupler®
technology, the dc-to-dc converter provides up to 500 mW of
regulated, isolated power at either 5.0 V or 3.3 V from a 5.0 V input
supply, or 3.3 V from a 3.3 V supply at the power levels shown in
Table 1. These devices eliminate the need for a separate, isolated
dc-to-dc converter in low power isolated designs. The iCoupler
chip-scale transformer technology is used to isolate the logic
signals and for the magnetic components of the dc-to-dc
converter. The result is a small form factor, total isolation
solution.
The ADuM5200W/ADuM5201W/ADuM5202W isolators
provide two independent isolation channels in a variety of channel
configurations and data rates (see the Ordering Guide for more
information).
isoPower uses high frequency switching elements to transfer power
through its transformer. Special care must be taken during printed
circuit board (PCB) layout to meet emissions standards. See the
AN-0971 Application Note for board layout recommendations.




Similar Part No. - ADUM5201W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5201W AD-ADUM5201W Datasheet
515Kb / 28P
Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
10/12-Revision 0
ADUM5201WCRWZ AD-ADUM5201WCRWZ Datasheet
515Kb / 28P
Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
10/12-Revision 0
More results


Similar Description - ADUM5201W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5402ARWZ-RL AD-ADUM5402ARWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5402CRWZ-RL AD-ADUM5402CRWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
539Kb / 24P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
4/13-Rev. C to Rev. D
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
10/12-Revision 0
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5401 AD-ADUM5401_V01 Datasheet
453Kb / 29P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com