Electronic Components Datasheet Search
  English  ▼

X  

TPS92511 Datasheet (PDF) - Texas Instruments

TPS92511 Datasheet PDF - Texas Instruments
Part # TPS92511
Download  TPS92511 Download
File Size   895.25 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS92511 500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor

TPS92511 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS92511 Datasheet PDF - Texas Instruments

Part # TPS92511
Download  TPS92511 Click to download

File Size   895.25 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS92511 500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor

TPS92511 Datasheet (HTML) - Texas Instruments


TPS92511 Product details

1 Features
1• Wide Input Voltage Range: 4.5 V to 65 V
• Requires NO External Current Sensing Resistor
• Requires NO External Loop Compensation
• Ease of Use, Needs Minimum 5 Components
• 1000:1 Contrast Ratio Feasible
• Single Layer PCB Feasible
• Can Work as High Voltage Buck Regulators
• Can Work as Linear Current Shunt Regulators
• Integrated Low-side N-channel MOSFET
• LED Current Programmable up to 0.5 A
• Typically ±3.6% LED Current Accuracy
• Switching Frequency Programmable From 50 kHz
to 500 kHz
• Current Limit Protection
• VCC Under-voltage Lock-out
• Thermal Shutdown Protection
• Support Analog Dimming and Thermal Foldback
• Power Enhanced SOIC-8 Exposed Thermal Pad
Package (HSOP-8)

2 Applications
• High Power LED Driver
• Architectural Lighting
• Office Troffer
• Automotive Lighting
• MR-16 LED Lamp

3 Description
The TPS92511 is an easy to use 65V constant
current buck converter for driving a single LED string with current up to 0.5A and efficiency up to 95%.
Only 5 external components are required for basic
operation and single layer PCB layout is feasible
because of the integration of a N-MOSFET, no external current sensing resistor, no external
compensation and the proper terminal assignment. A
high-value external resistor programs the LED current
so that fine tuning of the LED current can be
achieved. Another high-value external resistor programs a constant switching frequency from 50kHz
to 500kHz. EMI design becomes easier as a result of
constant switching frequency. The TPS92511
provides a wide input voltage range from 4.5V to
65V. By adding simple external circuits, the device can handle applications with even higher input
voltages.
The TPS92511 employs a proprietary control scheme
to regulate the LED current without the need of
sensing the LED current directly. It applies a floating
buck topology with a low-side N-channel power
MOSFET, which does not need boot-strapping capacitor. For multiple channel systems, the floating
buck topology together with the proprietary control
scheme allows a common-anode connection of the
LED strings without an external current sensing
network. This significantly reduces the number of wiring and as well as overall manufacturing cost.
The TPS92511 has very fast PWM dimming response time. For example, if the switching frequency is 500
kHz, the minimum DIM pulse width is 6μs and the
dimming frequency is 150Hz, a contrast ratio of more
than 1000:1 can be achieved.
The TPS92511 is available in the Power Enhanced
SOIC-8 exposed thermal pad package.




Similar Part No. - TPS92511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92511 TI1-TPS92511 Datasheet
1Mb / 31P
500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
TPS92511DDA TI1-TPS92511DDA Datasheet
1Mb / 31P
500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
TPS92511DDAR TI1-TPS92511DDAR Datasheet
1Mb / 31P
500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
More results


Similar Description - TPS92511

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
350 MA CONSTANT-CURRENT LED DRIVER
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
Common Anode-Capable Constant Current Buck LED Driver
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
Constant Current Buck LED Driver
logo
Texas Instruments
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
TPS92511 TI1-TPS92511 Datasheet
1Mb / 31P
500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
Average Current Type LED Buck Constant Current Driver
logo
Recom International Pow...
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM9882 HMSEMI-HM9882 Datasheet
594Kb / 5P
External MOS average current type LED buck constant current driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com