Electronic Components Datasheet Search
  English  ▼

X  

TPS62000DGS Datasheet (PDF) - Texas Instruments

TPS62000DGS Datasheet PDF - Texas Instruments
Part # TPS62000DGS
Download  TPS62000DGS Download
File Size   1028.46 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter

TPS62000DGS Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62000DGS Datasheet PDF - Texas Instruments

Part # TPS62000DGS
Download  TPS62000DGS Click to download

File Size   1028.46 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter

TPS62000DGS Datasheet (HTML) - Texas Instruments


TPS62000DGS Product details

1 Features
1• High-Efficiency Synchronous Step-Down
Converter with More than 95% Efficiency
• 2-V to 5.5-V Operating Input Voltage Range
• Adjustable Output Voltage Range From 0.8 V to
VIN
• Fixed Output Voltage Options Available in 0.9 V,
1 V, 1.2 V, 1.5 V, 1.8 V, 1.9 V, 2.5 V, and 3.3 V
• Synchronizable to External Clock Signal up to
1 MHz
• Up to 600 mA Output Current
• Pin-Programmable Current Limit
• High Efficiency Over a Wide Load Current Range
in Power Save Mode
• 100% Maximum Duty Cycle for Lowest Dropout
• Low-Noise Operation Antiringing Switch and
PFM/PWM Operation Mode
• Internal Softstart
• 50-μA Quiescent Current (TYP)
• Available in the 10-Pin Microsmall Outline
Package (VSSOP)
• Evaluation Module Available

2 Applications
• Low-Power CPUs and DSPs
• Cellular Phones
• Organizers, PDAs, and Handheld PCs
• MP-3 Portable Audio Players
• Digital Cameras
• USB-Based DSL Modems and Other Network
Interface Cards

3 Description
The TPS6200x devices are a family of low-noise
synchronous step-down DC/DC converters that are
ideally suited for systems powered from a 1-cell Li-ion
battery or from a 2- to 3-cell NiCd, NiMH, or alkaline battery. The TPS6200x operates typically down to an
input voltage of 1.8 V, with a specified minimum input
voltage of 2 V.
The TPS62000 operates over a free-air temperature
range of –40°C to 85°C.The device is available in the
10-pin (DGS) microsmall outline package (VSSOP).




Similar Part No. - TPS62000DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000DGS TI-TPS62000DGS Datasheet
471Kb / 25P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000DGS TI1-TPS62000DGS Datasheet
1Mb / 31P
TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000DGSG4 TI-TPS62000DGSG4 Datasheet
471Kb / 25P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000DGSG4 TI1-TPS62000DGSG4 Datasheet
1Mb / 31P
TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000DGSR TI-TPS62000DGSR Datasheet
471Kb / 25P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results


Similar Description - TPS62000DGS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com