Electronic Components Datasheet Search
  English  ▼

X  

TPS60111 Datasheet (PDF) - Texas Instruments

TPS60111 Datasheet PDF - Texas Instruments
Part # TPS60111
Download  TPS60111 Download
File Size   1057.13 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER

TPS60111 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS60111 Datasheet PDF - Texas Instruments

Part # TPS60111
Download  TPS60111 Click to download

File Size   1057.13 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER

TPS60111 Datasheet (HTML) - Texas Instruments


TPS60111 Product details

features
Up to 150-mA Output Current
Less Than 10-mVpp Output Voltage Ripple
No Inductors Required/Low EMI
Regulated 5-V ±4% Output
Only Four External Components Required
Up to 90% Efficiency
2.7-V to 5.4-V Input Voltage Range
60-μA Quiescent Supply Current
0.05-μA Shutdown Current
Load Isolated in Shutdown
Space-Saving Thermally-Enhanced TSSOP
PowerPAD Package
Evaluation Module Available
(TPS60110EVM−132)

applications
Replaces DC/DC Converters With Inductors in
− Battery-Powered Applications
− Li-Ion Battery to 5-V Conversion
− Portable Instruments
− Battery-Powered Microprocessor
Systems
− Miniature Equipment
− Backup-Battery Boost Converters
− PDAs
− Laptops
− Handheld Instrumentation
− Medical Instruments

description
The TPS60111 step-up, regulated charge pump
generates a 5-V ±4% output voltage from a 2.7-V
to 5.4-V input voltage (three alkaline, NiCd, or
NiMH batteries; or, one lithium or lithium ion
battery). Output current is 150 mA from a 3-V
input. Only four external capacitors are needed to
build a complete low-noise dc/dc converter. The
push-pull operating mode of two single-ended
charge pumps assures the low output voltage
ripple as current is continuously transferred to the
output. From a 3-V input, the TPS60111 can start
into full load with loads as low as 33 Ω.
The TPS60111 features either constant frequency
mode to minimize noise and output voltage ripple
or the power-saving pulse-skip mode to extend
battery life at light loads. The TPS60111 switching
frequency is 300 kHz. The logic shutdown function
reduces the supply current to 1-μA (max) and
disconnects the load from the input. Special
current-control circuitry prevents excessive current
from being drawn from the battery during
start-up. This dc/dc converter requires no
inductors and has low EMI. It is available in the
small 20-pin TSSOP PowerPAD package
(PWP).




Similar Part No. - TPS60111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
513Kb / 24P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60111 TI1-TPS60111 Datasheet
1Mb / 28P
REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI1-TPS60111 Datasheet
496Kb / 25P
REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI1-TPS60111 Datasheet
986Kb / 25P
REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results


Similar Description - TPS60111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
Texas Instruments
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111_15 Datasheet
978Kb / 25P
REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI1-TPS60111_16 Datasheet
986Kb / 25P
REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com