Electronic Components Datasheet Search
  English  ▼

X  

TPS54225 Datasheet (PDF) - Texas Instruments

TPS54225 Datasheet PDF - Texas Instruments
Part # TPS54225
Download  TPS54225 Download
File Size   1043.98 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter

TPS54225 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54225 Datasheet PDF - Texas Instruments

Part # TPS54225
Download  TPS54225 Click to download

File Size   1043.98 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter

TPS54225 Datasheet (HTML) - Texas Instruments


TPS54225 Product details

1FEATURES
23• Qualified for Automotive Applications
• D-CAP2™ Mode Enables Fast Transient
Response
• Low Output Ripple and Allows Ceramic Output
Capacitor
• Wide VCC Input Voltage Range: 4.5 V to 18 V
• Wide VIN Input Voltage Range: 2 V to 18 V
• Output Voltage Range: 0.76 V to 5.5 V
• Highly Efficient Integrated FET’s Optimized
for Lower Duty Cycle Applications
- 160 mΩ (High Side) and 110 mΩ (Low Side)
• High Efficiency, less than 10 μA at shutdown
• High Initial Bandgap Reference Accuracy
• Adjustable Soft Start
• Pre-Biased Soft Start
• 700-kHz Switching Frequency (fSW)
• Cycle-By-Cycle Overcurrent Limit
• Power Good Output

APPLICATIONS
• Wide Range of Applications for Low Voltage
System
– Digital TV Power Supply
– High Definition Blu-ray Disc™ Players
– Networking Home Terminal
– Digital Set Top Box (STB)

DESCRIPTION
The TPS54225-Q1 is an adaptive on-time D-CAP2™
mode synchronous buck converter. The
TPS54225-Q1 enables system designers to complete
the suite of various end equipment’s power bus regulators with a cost effective, low component count,
low standby current solution. The main control loop
for the TPS54225-Q1 uses the D-CAP2™ mode
control which provides a fast transient response with
no external compensation components.
The TPS54225-Q1 also has a proprietary circuit that
enables the device to adapt to both low equivalent
series resistance (ESR) output capacitors, such as
POSCAP or SP-CAP, and ultra-low ESR ceramic
capacitors. The device operates from 4.5-V to 18-V VCC input , and from 2-V to 18-V VIN input power
supply voltage. The output voltage can be
programmed between 0.76 V and 5.5 V. The device
also features an adjustable slow start time and a
power good function. The TPS54225-Q1 is available
in the 14 pin HTSSOP package, and designed to
operate from –40°C to 85°C.




Similar Part No. - TPS54225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225PWP TI1-TPS54225PWP Datasheet
849Kb / 23P
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225PWPR TI1-TPS54225PWPR Datasheet
849Kb / 23P
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
More results


Similar Description - TPS54225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54226 TI-TPS54226 Datasheet
725Kb / 21P
4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54326 TI-TPS54326 Datasheet
880Kb / 22P
4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com