Electronic Components Datasheet Search
  English  ▼

X  

2N6609 Datasheet (PDF) - Multicomp Pro

2N6609 Datasheet PDF - Multicomp Pro
Part # 2N6609
Download  2N6609 Download
File Size   477.85 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Transistor, PNP TO-3

2N6609 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6609 Datasheet PDF - Multicomp Pro

Part # 2N6609
Download  2N6609 Click to download

File Size   477.85 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Transistor, PNP TO-3

2N6609 Datasheet (HTML) - Multicomp Pro


2N6609 Product details

Description:
Complementary silicon power transistors.
The 2N6609 powerbaseTM power transistors designed for high power audio, disk head positioners and other linear applications. These devices can also be used in power switching circuits such as relay or solenoid drivers, DC-DC converters or inverters.

Features:
• Pb-free packages
• High safe operating area (100% tested) 150W at 100V
• Completely characterized for linear operation
• High DC current gain and low saturation voltage
• hFE = 15 (min.) at 8A, 4V
• VCE (sat) = 1.4V (max.) at IC = 8A, IB = 0.8A
• For low distortion complementary designs

Description
Transistor, PNP, TO-3




Similar Part No. - 2N6609

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6609 MOSPEC-2N6609 Datasheet
143Kb / 3P
POWER TRANSISTORS(16A,140V,150W)
logo
ON Semiconductor
2N6609 ONSEMI-2N6609 Datasheet
205Kb / 6P
COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
logo
Boca Semiconductor Corp...
2N6609 BOCA-2N6609 Datasheet
148Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N6609 ONSEMI-2N6609 Datasheet
96Kb / 6P
Complementary Silicon Power Transistors
July, 2004 ??Rev. 10
2N6609 ONSEMI-2N6609 Datasheet
97Kb / 6P
Complementary Silicon Power Transistors
July, 2004 ??Rev. 10
More results


Similar Description - 2N6609

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1385-Z NEC-2SA1385-Z Datasheet
235Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR MP-3
2SA1400-Z NEC-2SA1400-Z Datasheet
215Kb / 4P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR MP-3?
2SA1412-Z NEC-2SA1412-Z Datasheet
233Kb / 4P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR MP-3???
2SA1413-Z NEC-2SA1413-Z Datasheet
271Kb / 6P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR MP-3???
2SB1261-Z NEC-2SB1261-Z Datasheet
295Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR MP-3
2SB768 NEC-2SB768 Datasheet
190Kb / 4P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR MP-3?
2SB962-Z NEC-2SB962-Z Datasheet
233Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR MP-3?
2SB963-Z NEC-2SB963-Z Datasheet
219Kb / 4P
PNP SILICON EPITAXIAL DARLINGTON TRANSISTOR MP-3?
logo
List of Unclassifed Man...
2SA1385Z ETC-2SA1385Z Datasheet
235Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR MP-3
2N6052 ETC-2N6052 Datasheet
174Kb / 1P
Transistor, Bipolar, TO-3, PNP, 12 A, 100 V, 150 W
5/20/03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com