Electronic Components Datasheet Search
  English  ▼

X  

TLV702 Datasheet (PDF) - Texas Instruments

TLV702 Datasheet PDF - Texas Instruments
Part # TLV702
Download  TLV702 Download
File Size   1008.91 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV702-Q1 300-mA, Low-IQ, Low-Dropout Regulator

TLV702 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV702 Datasheet PDF - Texas Instruments

Part # TLV702
Download  TLV702 Click to download

File Size   1008.91 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV702-Q1 300-mA, Low-IQ, Low-Dropout Regulator

TLV702 Datasheet (HTML) - Texas Instruments


TLV702 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified with the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C4B
• Very Low Dropout:
– 37 mV at IOUT = 50 mA, VOUT = 2.8 V
– 75 mV at IOUT = 100 mA, VOUT = 2.8 V
– 220 mV at IOUT = 300 mA, VOUT = 2.8 V
• 2% Accuracy Over Temperature
• Low IQ: 35 μA
• Fixed-Output Voltage Combinations Possible from
1.2 V to 4.8 V
• High PSRR: 68 dB at 1 kHz
• Stable with Effective Capacitance of 0.1 μF(1)
• Thermal Shutdown and Overcurrent Protection
• Packages: 5-Pin SOT (DBV and DDC) and
1.5-mm × 1.5-mm, 6-Pin WSON
(1) See the Input and Output Capacitor Requirements in the
Application Information section.

2 Applications
• Automotive Camera Modules
• Image Sensor Power
• Microprocessor Rails
• Automotive Infotainment Head Units
• Automotive Body Electronics

3 Description
The TLV702-Q1 series of low-dropout (LDO) linear
regulators are low quiescent current devices with
excellent line and load transient performance. These
LDOs are designed for power-sensitive applications.
A precision bandgap and an error amplifier provide
overall 2% accuracy. Low output noise, very high
power-supply rejection ratio (PSRR), and low-dropout
voltage make this series of devices ideal for a wide
selection of battery-operated equipment. All device
versions have thermal shutdown and current limit
protections for safety.
Furthermore, these devices are stable with an
effective output capacitance of only 0.1 μF. This
feature enables the use of cost-effective capacitors
that have higher bias voltages and temperature
derating. The devices regulate to specified accuracy
with no output load.
The TLV702-Q1 series of LDO linear regulators is
available in SOT and WSON packages.




Similar Part No. - TLV702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV702 TI-TLV702 Datasheet
1Mb / 31P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI-TLV702 Datasheet
953Kb / 25P
TLV702-Q1 300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702 Datasheet
1Mb / 31P
Thermal Shutdown and Overcurrent Protection
TLV702 TI1-TLV702 Datasheet
1Mb / 32P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702 Datasheet
1Mb / 33P
300-mA, Low-IQ, Low-Dropout Regulator
More results


Similar Description - TLV702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI-TLV702 Datasheet
1Mb / 31P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702P TI-TLV702P Datasheet
1Mb / 31P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV704 TI-TLV704 Datasheet
890Kb / 22P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI-TLV702-Q1_15 Datasheet
953Kb / 25P
TLV702-Q1 300-mA, Low-IQ, Low-Dropout Regulator
TLV702_016 TI1-TLV702_016 Datasheet
1Mb / 32P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TPS784-Q1 TI1-TPS784-Q1 Datasheet
2Mb / 29P
TPS784-Q1 300-mA, Low IQ, Low-Dropout Regulator
TPS784-Q1 TI1-TPS784-Q1_V01 Datasheet
2Mb / 29P
TPS784-Q1 300-mA, Low IQ, Low-Dropout Regulator
TPS784-Q1 TI1-TPS784-Q1_V02 Datasheet
2Mb / 29P
TPS784-Q1 300-mA, Low IQ, Low-Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com