Electronic Components Datasheet Search
  English  ▼

X  

TPS72116DBVT.B Datasheet (PDF) - Texas Instruments

TPS72116DBVT.B Datasheet PDF - Texas Instruments
Part # TPS72116DBVT.B
Download  TPS72116DBVT.B Download
File Size   1032.24 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS

TPS72116DBVT.B Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS72116DBVT.B Datasheet PDF - Texas Instruments

Part # TPS72116DBVT.B
Download  TPS72116DBVT.B Click to download

File Size   1032.24 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS

TPS72116DBVT.B Datasheet (HTML) - Texas Instruments


TPS72116DBVT.B Product details

FEATURES
· 150-mA LDO
· Available in 1.5-V, 1.6-V, 1.8-V Fixed-Output
and Adjustable (1.2-V to 2.5-V) Versions
· Low Input Voltage Requirement (Down to
1.8 V)
· Small Output Capacitor, 0.1-μF
· Dropout Voltage Typically 200 mV at 150 mA
· Less Than 1 μA Quiescent Current in
Shutdown Mode
· Thermal Protection
· Over Current Limitation
· 5-Pin SOT-23 (DBV) Package

APPLICATIONS
· Portable Communication Devices
· Battery Powered Equipment
· PCMCIA Cards
· Personal Digital Assistants
· Modems
· Bar Code Scanners
· Backup Power Supplies
· SMPS Post Regulation
· Internet Audio

DESCRIPTION
The TPS721xx family of LDO regulators is available
in fixed voltage options that are commonly used to
power the latest DSPs and microcontrollers with an
adjustable option ranging from 1.22 V to 2.5 V. These regulators can be used in a wide variety of
applications ranging from portable, battery-powered
equipment to PC peripherals. The family features
operation over a wide range of input voltages (1.8 V
to 5.5 V) and low dropout voltage (150 mV at full load). Therefore, compared to many other regulators
that require 2.5-V or higher input voltages for
operation, these regulators can be operated directly
from two AAA batteries. Also, the typical quiescent
current (ground pin current) is low, starting at 85 μA during normal operation and 1 μA in shutdown mode.
These regulators can be operated very efficiently and,
in a battery-powered application, help extend the
longevity of the device.
Similar LDO regulators require 1-μF or larger output
capacitors for stability. However, this regulator uses
an internal compensation scheme that stabilizes the
feedback loop over the full range of input voltages
and load currents with output capacitances as low as
0.1-μF. Ceramic capacitors of this size are relatively
inexpensive and available in small footprints.
This family of regulators is particularly suited as a
portable power supply solution due to its minimal
board space requirement and 1.8-V minimum input
voltage. Being able to use two off-the-shelf AAA
batteries makes system design easier and also
reduces component cost. Moreover, the solution will
be more efficient than if a regulator with a higher
input voltage is used.




Similar Part No. - TPS72116DBVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72116DBVT TI-TPS72116DBVT Datasheet
203Kb / 14P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72116DBVT TI-TPS72116DBVT Datasheet
350Kb / 13P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72116DBVT TI1-TPS72116DBVT Datasheet
868Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72116DBVTG4 TI-TPS72116DBVTG4 Datasheet
203Kb / 14P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72116DBVTG4 TI-TPS72116DBVTG4 Datasheet
350Kb / 13P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Similar Description - TPS72116DBVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101 Datasheet
203Kb / 14P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72201 TI-TPS72201 Datasheet
119Kb / 11P
LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101_07 Datasheet
350Kb / 13P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
TPS72218DBVRG4 TI-TPS72218DBVRG4 Datasheet
741Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS722 TI-TPS722 Datasheet
756Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS721 TI-TPS721_15 Datasheet
762Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI1-TPS72101_16 Datasheet
868Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com