Electronic Components Datasheet Search
  English  ▼

X  

TPS7133QDR Datasheet (PDF) - Texas Instruments

TPS7133QDR Datasheet PDF - Texas Instruments
Part # TPS7133QDR
Download  TPS7133QDR Download
File Size   1028.53 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-DROPOUT VOLTAGE REGULATORS

TPS7133QDR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7133QDR Datasheet PDF - Texas Instruments

Part # TPS7133QDR
Download  TPS7133QDR Click to download

File Size   1028.53 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-DROPOUT VOLTAGE REGULATORS

TPS7133QDR Datasheet (HTML) - Texas Instruments


TPS7133QDR Product details

Available in 5-V, 4.85-V, and 3.3-V
Fixed-Output and Adjustable Versions
Very Low-Dropout Voltage . . . Maximum of
32 mV at IO = 100 mA (TPS7150)
Very Low Quiescent Current – Independent
of Load . . . 285 μA Typ
Extremely Low Sleep-State Current
0.5 μA Max
2% Tolerance Over Specified Conditions
For Fixed-Output Versions
Output Current Range of 0 mA to 500 mA
TSSOP Package Option Offers Reduced
Component Height for Space-Critical
Applications
Power-Good (PG) Status Output

description
The TPS71xx integrated circuits are a family
of micropower low-dropout (LDO) voltage
regulators. An order of magnitude reduction in
dropout voltage and quiescent current over
conventional LDO performance is achieved by
replacing the typical pnp pass transistor with a
PMOS device.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (maximum of 32
mV at an output current of 100 mA for the TPS7150) and is directly proportional to the output current (see
Figure 1). Additionally, since the PMOS pass element is a voltage-driven device, the quiescent current is very
low and remains independent of output loading (typically 285 μA over the full range of output current, 0 mA to
500 mA). These two key specifications yield a significant improvement in operating life for battery-powered
systems. The LDO family also features a sleep mode; applying a TTL high signal to EN (enable) shuts down
the regulator, reducing the quiescent current to 0.5 μA maximum at TJ = 25°C.




Similar Part No. - TPS7133QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7133QDR TI-TPS7133QDR Datasheet
690Kb / 31P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7133QDR TI-TPS7133QDR Datasheet
829Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7133QDR TI-TPS7133QDR Datasheet
858Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7133QDR TI1-TPS7133QDR Datasheet
1Mb / 39P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7133QDRG4 TI-TPS7133QDRG4 Datasheet
690Kb / 31P
LOW-DROPOUT VOLTAGE REGULATORS
More results


Similar Description - TPS7133QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
LOW-DROPOUT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com