Electronic Components Datasheet Search
  English  ▼

X  

TPS2112A Datasheet (PDF) - Texas Instruments

TPS2112A Datasheet PDF - Texas Instruments
Part # TPS2112A
Download  TPS2112A Download
File Size   1040.74 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AUTOSWITCHING POWER MUX

TPS2112A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2112A Datasheet PDF - Texas Instruments

Part # TPS2112A
Download  TPS2112A Click to download

File Size   1040.74 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AUTOSWITCHING POWER MUX

TPS2112A Datasheet (HTML) - Texas Instruments


TPS2112A Product details

1FEATURES
2• Two-Input, One-Output Power Multiplexer with
Low rDS(on) Switches:
– 84 mΩ Typ (TPS2113A)
– 120 mΩ Typ (TPS2112A)
• Reverse and Cross-Conduction Blocking
• Wide Operating Voltage: 2.8 V to 5.5 V
• Low Standby Current: 0.5 μA Typ
• Low Operating Current: 55 μA Typ
• Adjustable Current Limit
• Controlled Output Voltage Transition Time:
– Limits Inrush Current
– Minimizes Output Voltage Hold-Up
Capacitance
• CMOS- and TTL-Compatible Control Inputs
• Auto-Switching Operating Mode
• Thermal Shutdown
• Available in TSSOP-8 and 3-mm × 3-mm SON-8
Packages

APPLICATIONS
• PCs
• PDAs
• Digital Cameras
• Modems
• Cell Phones
• Digital Radios
• MP3 Players

DESCRIPTION
The TPS211xA family of power multiplexers enables
seamless transition between two power supplies
(such as a battery and a wall adapter), each
operating at 2.8 V to 5.5 V and delivering up to 2 A,
depending on package. The TPS211xA family
includes extensive protection circuitry, including userprogrammable
current limiting, thermal protection,
inrush current control, seamless supply transition,
cross-conduction blocking, and reverse-conduction
blocking. These features greatly simplify designing
power multiplexer applications.




Similar Part No. - TPS2112A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
263Kb / 21P
AUTOSWITCHING POWER MUX
TPS2112A TI2-TPS2112A Datasheet
717Kb / 27P
AUTOSWITCHING POWER MUX
REVISED MARCH 2010
TPS2112A TI2-TPS2112A Datasheet
1Mb / 31P
AUTOSWITCHING POWER MUX
REVISED MAY 2012
TPS2112APW TI-TPS2112APW Datasheet
206Kb / 20P
AUTOSWITCHING POWER MUX
More results


Similar Description - TPS2112A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
AUTOSWITCHING POWER MUX
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
AUTOSWITCHING POWER MULTIPLEXER
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
AUTOSWITCHING POWER MUX
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com