Electronic Components Datasheet Search
  English  ▼

X  

1401608 Datasheet (PDF) - PHOENIX CONTACT

1401608 Datasheet PDF - PHOENIX CONTACT
Part # 1401608
Download  1401608 Download
File Size   229.57 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NS 15 BLK PERF 2000MM VPE 10 - DIN rail perforated

1401608 Datasheet (PDF)

Go To PDF Page Download Datasheet
1401608 Datasheet PDF - PHOENIX CONTACT

Part # 1401608
Download  1401608 Click to download

File Size   229.57 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NS 15 BLK PERF 2000MM VPE 10 - DIN rail perforated

1401608 Datasheet (HTML) - PHOENIX CONTACT


1401608 Product details

DIN rail perforated, Pack of 10 (20 m), acc. to EN 60715, material: Steel, uncoated, Standard
profile, color: white aluminum




Similar Part No. - 1401608

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
140162 ADELS-140162 Datasheet
119Kb / 2P
AC 162 STS/ 2 black
30/12/2019
logo
Weidmuller
1401620000 WEIDMULLER-1401620000 Datasheet
688Kb / 6P
SL 5.08HC/02/90 3.2SN GN BX
1401630000 WEIDMULLER-1401630000 Datasheet
691Kb / 6P
SL 5.08HC/03/90 3.2SN GN BX
logo
PHOENIX CONTACT
1401637 PHOENIX-1401637 Datasheet
244Kb / 5P
E/MBK - End bracket
logo
Weidmuller
1401640000 WEIDMULLER-1401640000 Datasheet
691Kb / 6P
SL 5.08HC/04/90 3.2SN GN BX
More results


Similar Description - 1401608

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3274054 PHOENIX-3274054 Datasheet
51Kb / 2P
DIN rail adapter, width: 28.6 mm, height: 11 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
0807012 PHOENIX-0807012 Datasheet
62Kb / 3P
DIN rail perforated - NS 35/ 7,5 PERF 1000MM
09/11/2020
1207658 PHOENIX-1207658 Datasheet
66Kb / 3P
DIN rail perforated - NS 35/15 PERF 1000MM
09/11/2020
logo
FIBOX Enclosing innovat...
9820002 FIBOX-9820002 Datasheet
36Kb / 1P
DIN-15 Mounting rail, for enclosures
02.08.2023
9820004 FIBOX-9820004 Datasheet
36Kb / 1P
DIN-15 Mounting rail, for enclosures
02.08.2023
9820005 FIBOX-9820005 Datasheet
49Kb / 1P
DIN-15 Mounting rail, for enclosures
02.08.2023
9820006 FIBOX-9820006 Datasheet
46Kb / 1P
DIN-15 Mounting rail, for enclosures:
02.08.2023
9820011 FIBOX-9820011 Datasheet
36Kb / 1P
DIN-15 Mounting rail, for enclosures
02.08.2023
9820012 FIBOX-9820012 Datasheet
37Kb / 1P
DIN-15 Mounting rail, for enclosures
02.08.2023
9820014 FIBOX-9820014 Datasheet
38Kb / 1P
DIN-15 Mounting rail, for enclosures
02.08.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com