Electronic Components Datasheet Search
  English  ▼

X  

TCA9509 Datasheet (PDF) - Texas Instruments

TCA9509 Datasheet PDF - Texas Instruments
Part # TCA9509
Download  TCA9509 Download
File Size   1029.06 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9509 Level-Translating I2C and SMBUS Bus Repeater

TCA9509 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9509 Datasheet PDF - Texas Instruments

Part # TCA9509
Download  TCA9509 Click to download

File Size   1029.06 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9509 Level-Translating I2C and SMBUS Bus Repeater

TCA9509 Datasheet (HTML) - Texas Instruments


TCA9509 Product details

1 Features
• Two-channel bidirectional buffer
• I2C bus and SMBus compatible
• Operating supply voltage range of 2.7V to 5.5V on
B side
• Operating voltage range of 0.9V to 5.5V on A side
• Voltage-level translation from 0.9V to 5.5V and
2.7V to 5.5V
• Active-high repeater-enable input
• Requires no external pullup resistors on lowervoltage
port-A
• Open-drain I2C I/O
• 5.5-V Tolerant I2C and enable input support mixedmode
signal operation
• Lockup-free operation
• Accommodates standard mode and fast mode I2C
devices and multiple controllers
• Supports arbitration and clock stretching across
Repeater
• Powered-off high-impedance I2C bus pins
• Supports 400-kHz fast I2C bus operating speeds
• Available in
– 1.6mm × 1.6mm, 0.4mm height, 0.5mm pitch
QFN package
– 3mm × 3mm Industry standard MSOP package
• Latch-up performance exceeds 100mA Per JESD
78, class II
• ESD protection exceeds JESD 22
– 2000V Human-body model (A114-A)
– 1000V Charged-device model (C101)

2 Applications
• Servers
• Routers (Telecom Switching Equipment)
• Industrial Equipment
• Products with many I2C targets and or long PCB
Traces

3 Description
This TCA9509 integrated circuit is an I2C bus/SMBus Repeater for use in I2C/SMBus systems. It can also
provide bidirectional voltage-level translation (up-translation/down-translation) between low voltages (down to
0.9V) and higher voltages (2.7V to 5.5V) in mixed-mode applications. This device enables I2C and similar bus
systems to be extended, without degradation of performance even during level shifting.
The TCA9509 buffers both the serial data (SDA) and the serial clock (SCL) signals on the I2C bus, thus allowing
400pF bus capacitance on the B-side. This device can also be used to isolate two halves of a bus for voltage
and capacitance.
The TCA9509 has two types of drivers – A-side drivers and B-side drivers. All inputs and B-side I/Os are
overvoltage tolerant to 5.5V. The A-side I/Os are overvoltage tolerant to 5.5V when the device is unpowered
(VCCB and/or VCCA = 0 V).
The bus port B drivers are compliant with SMBus I/O levels, while the A-side uses a current sensing mechanism
to detect the input or output LOW signal which prevents bus lock-up. The A-side uses a 1 mA current source
for pull-up and a 200Ω pull-down driver. This results in a LOW on the A-side accommodating smaller voltage
swings. The output pull-down on the A-side internal buffer LOW is set for approximately 0.2V, while the input
threshold of the internal buffer is set about 50mV lower than that of the output voltage LOW. When the A-side
I/O is driven LOW internally, the LOW is not recognized as a LOW by the input. This prevents a lock-up condition
from occurring. The output pull-down on the B-side drives a hard LOW and the input level is set at 0.3 of SMBus
or I2C-bus voltage level which enables B side to connect to any other I2C-bus devices or buffer.
The TCA9509 drivers are not enabled unless VCCA is above 0.8V and VCCB is above 2.5V. The enable (EN) pin
can also be used to turn the drivers on and off under system control. Caution should be observed to only change
the state of the EN pin when the bus is idle.




Similar Part No. - TCA9509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
TCA9509 TI1-TCA9509 Datasheet
1Mb / 25P
TCA9509 Level-Translating I2C and SMBUS Bus Repeater
TCA9509DGKR TI1-TCA9509DGKR Datasheet
668Kb / 18P
LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
TCA9509DGKR TI1-TCA9509DGKR Datasheet
1Mb / 25P
TCA9509 Level-Translating I2C and SMBUS Bus Repeater
TCA9509MRVHR TI1-TCA9509MRVHR Datasheet
1Mb / 25P
TCA9509 Level-Translating I2C and SMBUS Bus Repeater
More results


Similar Description - TCA9509

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
Level translating I2C-bus/SMBus Repeater
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
TCA9509 Level-Translating I2C and SMBUS Bus Repeater
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com