Electronic Components Datasheet Search
  English  ▼

X  

SN75179BDR Datasheet (PDF) - Texas Instruments

SN75179BDR Datasheet PDF - Texas Instruments
Part # SN75179BDR
Download  SN75179BDR Download
File Size   1000.84 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN75179B Differential Driver and Receiver Pair

SN75179BDR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75179BDR Datasheet PDF - Texas Instruments

Part # SN75179BDR
Download  SN75179BDR Click to download

File Size   1000.84 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN75179B Differential Driver and Receiver Pair

SN75179BDR Datasheet (HTML) - Texas Instruments


SN75179BDR Product details

1 Features
• Meets or exceeds the requirements of
TIA/EIA-422-B, TIA/EIA-485-A, and ITU
Recommendation V.11
• Bus voltage range: –7V to 12V
• Positive- and negative-current limiting
• Driver output capability: 60mA Max
• Driver thermal-shutdown protection
• Receiver input impedance: 12kΩ Min
• Receiver input sensitivity: ±200mV
• Receiver input hysteresis: 50mV typical
• Operates from single 5V supply
• Low power requirements

2 Description
The SN75179B is a differential driver and
receiver pair designed for balanced transmission-line
applications and meets TIA/EIA-422-B, TIA/EIA-485-
A, and ITU Recommendation V.11. The device is
designed to improve the performance of full-duplex
data communications over long bus lines.
The SN75179B driver output provides limiting for both
positive and negative currents. The receiver features
high input impedance, input hysteresis for increased
noise immunity, and input sensitivity of ±200mV over
a common-mode input voltage range of –7V to 12V.
The driver provides thermal shutdown for protection
from line fault conditions. Thermal shutdown is
designed to occur at a junction temperature of
approximately 150°C. The SN75179B is designed to
drive current loads of up to 60mA maximum.
The SN75179B is characterized for operation from
0°C to 70°C.




Similar Part No. - SN75179BDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75179BDR TI-SN75179BDR Datasheet
664Kb / 17P
Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
SN75179BDRE4 TI-SN75179BDRE4 Datasheet
664Kb / 17P
Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
SN75179BDRG4 TI-SN75179BDRG4 Datasheet
664Kb / 17P
Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
More results


Similar Description - SN75179BDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75179B TI-SN75179B Datasheet
140Kb / 9P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181 TI-SN75ALS181 Datasheet
314Kb / 14P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
Differential Driver and Receiver Pair
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
Differential Driver and Receiver Pair
LTC491 LINER-LTC491_04 Datasheet
182Kb / 12P
Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179A TI1-SN75179A Datasheet
191Kb / 10P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
Differential Driver and Receiver Pair
LTC491 LINER-LTC491_15 Datasheet
192Kb / 12P
Differential Driver and Receiver Pair
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com