Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G79DCKT Datasheet (PDF) - Texas Instruments

SN74LVC1G79DCKT Datasheet PDF - Texas Instruments
Part # SN74LVC1G79DCKT
Download  SN74LVC1G79DCKT Download
File Size   1042.48 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G79 Single Positive-Edge-Triggered D-Type Flip-Flop

SN74LVC1G79DCKT Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G79DCKT Datasheet PDF - Texas Instruments

Part # SN74LVC1G79DCKT
Download  SN74LVC1G79DCKT Click to download

File Size   1042.48 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G79 Single Positive-Edge-Triggered D-Type Flip-Flop

SN74LVC1G79DCKT Datasheet (HTML) - Texas Instruments


SN74LVC1G79DCKT Product details

1 Features
1• Available in the Texas Instruments
NanoFree™ Package
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Supports Down Translation to VCC
• Max tpd of 6 ns at 3.3 V and 50 pF load
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Ioff supports Partial-Power-Down Mode and Back-
Drive Protection

2 Applications
• Test and Measurement
• Enterprise Switching
• Telecom Infrastructure
• Personal Electronics
• White Goods

3 Description
The SN74LVC1G79 device is a single positive-edgetriggered
D-type flip-flop that is designed for 1.65-V to
5.5-V VCC operation.
When data at the data (D) input meets the setup time
requirement, the data is transferred to the Q output
on the positive-going edge of the clock pulse. Clock
triggering occurs at a voltage level and is not directly
related to the rise time of the clock pulse. Following
the hold-time interval, data at the D input can be
changed without affecting the level at the output.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs when the device is powered down. This
inhibits current backflow into the device which
prevents damage to the device.




Similar Part No. - SN74LVC1G79DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G79DCKT TI-SN74LVC1G79DCKT Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G79DCKT TI1-SN74LVC1G79DCKT Datasheet
1,003Kb / 20P
Single Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC1G79DCKTE4 TI-SN74LVC1G79DCKTE4 Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G79DCKTG4 TI1-SN74LVC1G79DCKTG4 Datasheet
1,003Kb / 20P
Single Positive-Edge-Triggered D-Type Flip-Flop
More results


Similar Description - SN74LVC1G79DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
Apr-2004
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
2001-Jul
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
Single Positive Edge-triggered D-type Flip Flop
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
Single Positive-Edge-Triggered D-Type Flip-Flop
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com