Electronic Components Datasheet Search
  English  ▼

X  

1092937 Datasheet (PDF) - PHOENIX CONTACT

1092937 Datasheet PDF - PHOENIX CONTACT
Part # 1092937
Download  1092937 Download
File Size   185.71 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX-NS35 LQ - DIN rail adapter

1092937 Datasheet (PDF)

Go To PDF Page Download Datasheet
1092937 Datasheet PDF - PHOENIX CONTACT

Part # 1092937
Download  1092937 Click to download

File Size   185.71 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX-NS35 LQ - DIN rail adapter

1092937 Datasheet (HTML) - PHOENIX CONTACT


1092937 Product details

DIN rail adapter, for NS 35 for accommodating 2.5 mm2, 4 mm2, and 10 mm2 FIX blocks in
vertical direction, color: gray, packing unit: 200




Similar Part No. - 1092937

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109293 ERNI-109293 Datasheet
27Kb / 1P
MiniMez Vertical Male DIP
logo
PHOENIX CONTACT
1092934 PHOENIX-1092934 Datasheet
630Kb / 29P
Distribution block - PTFIX 6/18X2,5-NS35 BU LQ
Sep 8, 2022
1092935 PHOENIX-1092935 Datasheet
629Kb / 29P
Distribution block - PTFIX 6/18X2,5-NS35 GN LQ
Sep 8, 2022
1092936 PHOENIX-1092936 Datasheet
731Kb / 31P
Distribution block - PTFIX 6/6X2,5 BU LQ
Sep 8, 2022
More results


Similar Description - 1092937

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRK1 CRYDOM-DRK1_17 Datasheet
338Kb / 2P
DIN Rail Adapter fits Standard 35mm DIN Rail
logo
PHOENIX CONTACT
2902078 PHOENIX-2902078 Datasheet
50Kb / 1P
DIN rail adapter - EEM-MKT-DRA
logo
M-System Co.,Ltd.
A34 MSYSTEM-A34 Datasheet
113Kb / 3P
DIN RAIL MOUNTING ADAPTER
logo
HARTING Technology Grou...
09-10-000-9912 HARTING-09-10-000-9912 Datasheet
491Kb / 1P
Han 1A-Din rail adapter
09-10-000-9911 HARTING-09-10-000-9911 Datasheet
483Kb / 1P
Han 1A-Din rail adapter
logo
PHOENIX CONTACT
1041740 PHOENIX-1041740 Datasheet
134Kb / 10P
DIN rail adapter - NBC-PP-G1PGY
09/11/2020
2864671 PHOENIX-2864671 Datasheet
52Kb / 2P
Adapter - MCR-DIN-RAIL-ADAPTER HT
09/12/2020
1092934 PHOENIX-1092934 Datasheet
630Kb / 29P
Distribution block - PTFIX 6/18X2,5-NS35 BU LQ
Sep 8, 2022
1092935 PHOENIX-1092935 Datasheet
629Kb / 29P
Distribution block - PTFIX 6/18X2,5-NS35 GN LQ
Sep 8, 2022
2832519 PHOENIX-2832519 Datasheet
139Kb / 4P
DIN rail adapter - FL RA SF8
Dec 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com