Electronic Components Datasheet Search
  English  ▼

X  

SN74ALVC162835DGVR Datasheet (PDF) - Texas Instruments

SN74ALVC162835DGVR Datasheet PDF - Texas Instruments
Part # SN74ALVC162835DGVR
Download  SN74ALVC162835DGVR Download
File Size   1070.2 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS

SN74ALVC162835DGVR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALVC162835DGVR Datasheet PDF - Texas Instruments

Part # SN74ALVC162835DGVR
Download  SN74ALVC162835DGVR Click to download

File Size   1070.2 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS

SN74ALVC162835DGVR Datasheet (HTML) - Texas Instruments


SN74ALVC162835DGVR Product details

FEATURES
· Member of the Texas Instruments Widebus™
Family
· Operates From 1.65 V to 3.6 V
· Max tpd of 2 ns at 3.3 V
· ±12-mA Output Drive at 3.3 V
· Ideal for Use in PC100 Register DIMM,
Revision 1.1
· Output Port Has Equivalent 26-W Series
Resistors, So No External Resistors Are
Required
· Latch-Up Performance Exceeds 250 mA Per
JESD 17
· ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION/ORDERING INFORMATION
This 18-bit universal bus driver is designed for 1.65-V
to 3.6-V VCC operation.
Data flow from A to Y is controlled by the
output-enable (OE) input. The device operates in the
transparent mode when the latch-enable (LE) input is
high. When LE is low, the A data is latched if the
clock (CLK) input is held at a high or low logic level. If
LE is low, the A data is stored in the latch/flip-flop on
the low-to-high transition of CLK. When OE is high,
the outputs are in the high-impedance state.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
driver.
The output port includes equivalent 26-W series
resistors to reduce overshoot and undershoot.




Similar Part No. - SN74ALVC162835DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC162835DGVR TI-SN74ALVC162835DGVR Datasheet
212Kb / 12P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162835DGVR TI2-SN74ALVC162835DGVR Datasheet
566Kb / 14P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 2004
More results


Similar Description - SN74ALVC162835DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC162834 TI-SN74ALVC162834 Datasheet
135Kb / 10P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16834 TI-SN74ALVC16834 Datasheet
149Kb / 10P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835 TI-SN74ALVCH162835 Datasheet
135Kb / 10P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16834 TI-SN74AVC16834 Datasheet
179Kb / 12P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
18-bit Universal Bus Driver with 3-state Outputs
logo
Hynix Semiconductor
HG74ALVC16835C HYNIX-HG74ALVC16835C Datasheet
135Kb / 7P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC16835 TI-SN74ALVC16835_07 Datasheet
496Kb / 18P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74AVC16835 TI1-SN74AVC16835_08 Datasheet
429Kb / 17P
18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com