Electronic Components Datasheet Search
  English  ▼

X  

OPA2683 Datasheet (PDF) - Texas Instruments

OPA2683 Datasheet PDF - Texas Instruments
Part # OPA2683
Download  OPA2683 Download
File Size   1035.64 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wideband, Low-Power, Current Feedback Operational Amplifier

OPA2683 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2683 Datasheet PDF - Texas Instruments

Part # OPA2683
Download  OPA2683 Click to download

File Size   1035.64 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wideband, Low-Power, Current Feedback Operational Amplifier

OPA2683 Datasheet (HTML) - Texas Instruments


OPA2683 Product details

1FEATURES
2• UNITY GAIN STABLE BANDWIDTH: 1.5GHz
• HIGH GAIN OF 2V/V BANDWIDTH: 690MHz
• LOW SUPPLY CURRENT: 5.8mA
• HIGH SLEW RATE: 1700V/msec
• HIGH FULL-POWER BANDWIDTH: 675MHz
• LOW DIFFERENTIAL GAIN/PHASE:
0.03%/0.015°
• Pb-FREE AND GREEN SOT23-5 PACKAGE

APPLICATIONS
• WIDEBAND VIDEO LINE DRIVER
• MATRIX SWITCH BUFFER
• DIFFERENTIAL RECEIVER
• ADC DRIVER
• IMPROVED REPLACEMENT FOR OPA658

DESCRIPTION
The OPA694 is an ultra-wideband, low-power, current
feedback operational amplifier featuring high slew
rate and low differential gain/phase errors. An
improved output stage provides ±80mA output drive
with < 1.5V output voltage headroom. Low supply
current with > 500MHz bandwidth meets the
requirements of high-density video routers. Being a
current feedback design, the OPA694 holds its
bandwidth to very high gains—at a gain of 10, the
OPA694 will still provide 200MHz bandwidth.
RF applications can use the OPA694 as a low-power SAW pre-amplifier. Extremely high 3rd-order intercept
is provided through 70MHz at much lower quiescent
power than many typical RF amplifiers.
The OPA694 is available in an industry-standard
pinout in both SO-8 and SOT23-5 packages.




Similar Part No. - OPA2683

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2683 BURR-BROWN-OPA2683 Datasheet
382Kb / 24P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2683 BURR-BROWN-OPA2683 Datasheet
455Kb / 26P
Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2683 TI-OPA2683 Datasheet
907Kb / 33P
Very Low-Power, Dual, Current-Feedback Operational Amplifier
OPA2683 TI2-OPA2683 Datasheet
555Kb / 27P
Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
REVISED APRIL 2013
OPA2683 TI2-OPA2683 Datasheet
888Kb / 34P
Very Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
REVISED JULY 2008
More results


Similar Description - OPA2683

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com