Electronic Components Datasheet Search
  English  ▼

X  

SA48A Datasheet (PDF) - Multicomp Pro

SA48A Datasheet PDF - Multicomp Pro
Part # SA48A
Download  SA48A Download
File Size   209.64 Kbytes
Page   5 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description SA Series

SA48A Datasheet (PDF)

Go To PDF Page Download Datasheet
SA48A Datasheet PDF - Multicomp Pro

Part # SA48A
Download  SA48A Click to download

File Size   209.64 Kbytes
Page   5 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description SA Series

SA48A Datasheet (HTML) - Multicomp Pro


SA48A Product details

Features:
• Plastic package.
• 500W surge capability at 10 x 1000μs waveform, duty cycle: 0.01%.
• Excellent clamping capability.
• Low zener impedance.
• Fast response time: typically less than 1.0ps from 0 volts to VBR for unidirectional and 5.0 ns for bidirectional.
• Typical IR less than 1μA above 10V.
• High temperature soldering guaranteed: 260°C/10 seconds/0.375 Inch (9.5mm) lead length/5lbs. (2.3kg) tension.




Similar Part No. - SA48A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA48A MOTOROLA-SA48A Datasheet
50Kb / 3P
MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Pan Jit International I...
SA48A PANJIT-SA48A Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA48A WTE-SA48A Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA48A BYTES-SA48A Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA48A DCCOM-SA48A Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SA48A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
SA01 MITSUBISHI-SA01 Datasheet
64Kb / 4P
THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
logo
Humirel
SA10111 HUMIREL-SA10111 Datasheet
570Kb / 1P
SA series, high-precision,Pt-film thermal sensors.
logo
Intel Corporation
21281EB INTEL-21281EB Datasheet
95Kb / 18P
Intel짰 StrongARM짰 SA-110 Microprocessor
logo
Littelfuse
P0080SAMCRP LITTELFUSE-P0080SAMCRP Datasheet
155Kb / 2P
MicroCapacitance (MC) SA SIDACtor Device
logo
TE Connectivity Ltd
408-10043 TEC-408-10043 Datasheet
292Kb / 5P
SDE-SA Hand Tool
logo
Weidmuller
9457720000 WEIDMULLER-9457720000 Datasheet
54Kb / 2P
SAI-SA-3-IDC
logo
Shanghai Yint Electroni...
SA5.0CA YINT-SA5.0CA Datasheet
843Kb / 5P
SA Transient Voltage Suppressor Diode Series
logo
PHOENIX CONTACT
1790416 PHOENIX-1790416 Datasheet
91Kb / 3P
FKDSV-5,08/SA- 5,08
logo
ETA-USA
SVA-SA ETA-USA-SVA-SA Datasheet
684Kb / 4P
25 WATT AC-DC CONVERTER SVA-SA SERIES
logo
Ningbo Leison Motor Co....
RS-555SH NINGBO-RS-555SH Datasheet
694Kb / 1P
RS-555 SH/SA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com