Electronic Components Datasheet Search
  English  ▼

X  

OPA337UAG4 Datasheet (PDF) - Texas Instruments

OPA337UAG4 Datasheet PDF - Texas Instruments
Part # OPA337UAG4
Download  OPA337UAG4 Download
File Size   1007.11 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series

OPA337UAG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA337UAG4 Datasheet PDF - Texas Instruments

Part # OPA337UAG4
Download  OPA337UAG4 Click to download

File Size   1007.11 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series

OPA337UAG4 Datasheet (HTML) - Texas Instruments


OPA337UAG4 Product details

FEATURES
MicroSIZE PACKAGES:
SOT23-5, SOT23-8
SINGLE-SUPPLY OPERATION
RAIL-TO-RAIL OUTPUT SWING
FET-INPUT: IB = 10pA max
HIGH SPEED:
OPA337: 3MHz, 1.2V/μs (G = 1)
OPA338: 12.5MHz, 4.6V/μs (G = 5)
OPERATION FROM 2.5V to 5.5V
HIGH OPEN-LOOP GAIN: 120dB
LOW QUIESCENT CURRENT: 525μA/amp
SINGLE AND DUAL VERSIONS

APPLICATIONS
BATTERY-POWERED INSTRUMENTS
PHOTODIODE PRE-AMPS
MEDICAL INSTRUMENTS
TEST EQUIPMENT
AUDIO SYSTEMS
DRIVING ADCs
CONSUMER PRODUCTS

DESCRIPTION
The OPA337 and OPA338 series rail-to-rail output CMOS
operational amplifiers are designed for low cost and
miniature applications. Packaged in the SOT23-8, the
OPA2337EA and OPA2338EA are Texas Instruments’
smallest dual op amps. At 1/4 the size of a conventional
SO-8 surface-mount, they are ideal for space-sensitive
applications.
Utilizing advanced CMOS technology, the OPA337 and
OPA338 op amps provide low bias current, high-speed
operation, high open-loop gain, and rail-to-rail output
swing. They operate on a single supply with operation as
low as 2.5V while drawing only 525μA quiescent current.
In addition, the input common-mode voltage range
includes ground—ideal for single-supply operation.
The OPA337 series is unity-gain stable. The OPA338 series
is optimized for gains greater than or equal to 5. They are
easy-to-use and free from phase inversion and overload
problems found in some other op amps. Excellent
performance is maintained as the amplifiers swing to their
specified limits. The dual versions feature completely
independent circuitry for lowest crosstalk and freedom from
interaction, even when overdriven or overloaded.




Similar Part No. - OPA337UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA337UAG4 TI1-OPA337UAG4 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
More results


Similar Description - OPA337UAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com