Electronic Components Datasheet Search
  English  ▼

X  

MSP430FW429IPMR Datasheet (PDF) - Texas Instruments

MSP430FW429IPMR Datasheet PDF - Texas Instruments
Part # MSP430FW429IPMR
Download  MSP430FW429IPMR Download
File Size   1012.52 Kbytes
Page   63 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430FW42x Mixed-Signal Microcontroller

MSP430FW429IPMR Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430FW429IPMR Datasheet PDF - Texas Instruments

Part # MSP430FW429IPMR
Download  MSP430FW429IPMR Click to download

File Size   1012.52 Kbytes
Page   63 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430FW42x Mixed-Signal Microcontroller

MSP430FW429IPMR Datasheet (HTML) - Texas Instruments


MSP430FW429IPMR Product details

1FEATURES
2• Low Supply Voltage Range: 1.8 V to 3.6 V
• Ultra-Low-Power Consumption:
– Active Mode: 200 μA at 1 MHz, 2.2 V
– Standby Mode: 0.7 μA
– Off Mode (RAM Retention): 0.1 μA
• Five Power-Saving Modes
• Wake Up From Standby Mode in Less Than
6 μs
• Frequency-Locked Loop, FLL+
• 16-Bit RISC Architecture,
125-ns Instruction Cycle Time
• Scan Interface for Background Water, Heat,
and Gas Volume Measurement
• 16-Bit Timer_A With Three Capture/Compare
Registers
• 16-Bit Timer_A With Five Capture/Compare
Registers
• Integrated LCD Driver for Up to 96 Segments
• On-Chip Comparator
• Serial Onboard Programming, No External
Programming Voltage Needed Programmable
Code Protection by Security Fuse
• Brownout Detector
• Supply Voltage Supervisor and Monitor With
Programmable Level Detection
• Bootstrap Loader (BSL) in Flash Devices
• Family Members Include:
– MSP430FW423
8KB + 256B Flash Memory, 256B RAM
– MSP430FW425
16KB + 256B Flash Memory, 512B RAM
– MSP430FW427
32KB + 256B Flash Memory, 1KB RAM
– MSP430FW428
48KB + 256B Flash Memory, 2KB RAM
– MSP430FW429
60KB + 256B Flash Memory, 2KB RAM
• Available in 64-Pin Quad Flat Pack (QFP)
• For Complete Module Descriptions, See the
MSP430x4xx Family User's Guide, Literature
Number SLAU056

APPLICATIONS
• Analog Sensor Systems
• Digital Sensor Systems
• Gas, Heat, or Water Meters
• Industrial Meters
• Hand-Held Meters

DESCRIPTION
The Texas Instruments MSP430™ family of ultra-low- power microcontrollers consists of several devices
featuring different sets of peripherals targeted for
various applications. The architecture, combined with
five low-power modes, is optimized to achieve
extended battery life in portable measurement applications. The device features a powerful 16-bit
RISC CPU, 16-bit registers, and constant generators
that contribute to maximum code efficiency. The
digitally controlled oscillator (DCO) allows the device
to wake up from low-power modes to active mode in
less than 6 μs.
The MSP430FW42x series are microcontroller
configurations with two built-in 16-bit timers, a
comparator, 96 LCD segment drive capability, a scan
interface, and 48 I/O pins.
Typical applications include sensor systems that
capture analog signals, convert them to digital values,
and process the data and transmit them to a host
system. The comparator and timers make the
configurations ideal for gas, heat, and water meters,
industrial meters, counter applications, and hand-held meters.




Similar Part No. - MSP430FW429IPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FW429IPMR TI-MSP430FW429IPMR Datasheet
834Kb / 61P
MIXED SIGNAL MICROCONTROLLER
MSP430FW429IPMR TI1-MSP430FW429IPMR Datasheet
1Mb / 61P
Mixed-Signal Microcontroller
MSP430FW429IPMR TI2-MSP430FW429IPMR Datasheet
1,018Kb / 63P
MSP430FW42x Mixed-Signal Microcontroller
REVISED DECEMBER 2013
MSP430FW429IPMR.B TI2-MSP430FW429IPMR.B Datasheet
1,018Kb / 63P
MSP430FW42x Mixed-Signal Microcontroller
REVISED DECEMBER 2013
More results


Similar Description - MSP430FW429IPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com