Electronic Components Datasheet Search
  English  ▼

X  

206866 Datasheet (PDF) - Molex Electronics Ltd.

206866 Datasheet PDF - Molex Electronics Ltd.
Part # 206866
Download  206866 Download
File Size   1298.48 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Combo External Antennas (4G/Wi-Fi/GPS)

206866 Datasheet (PDF)

Go To PDF Page Download Datasheet
206866 Datasheet PDF - Molex Electronics Ltd.

Part # 206866
Download  206866 Click to download

File Size   1298.48 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Combo External Antennas (4G/Wi-Fi/GPS)

206866 Datasheet (HTML) - Molex Electronics Ltd.


206866 Product details

Fully balanced, IP66-rated antenna offers high 4G, Wi-Fi and GPS signal performance in telematics, remote monitoring and other applications

Features and Advantages
Compact, waterproof 3-in-1 External Antenna (Diameter: 77.00mm; Height: 15.00mm)
Enables space-efficiency and easy integration into applications requiring IP66 protection
Self-adhesive tape
Tape liner
Flip-side of antenna housing
Compact, waterproof 2-in-1 External Antenna (Diameter: 77mm; Height: 15mm)
Enables space-efficiency and easy integration into applications requiring IP66 protection
3.0m cables
Extend connectivity between the antenna and the application’s 2 radio devices for their respective 4G and GPS/BD operations
Cable Connectors
Allow customization with other connectors including SMA, MMCX and more
FAKRA Connectors
(Blue: GPS/BD, FAKRA Model C; Purple: 4G, FAKRA Model D) Positions and fixes the antenna to the PCB (via soldering); provides electrical contact between antenna and board
FAKRA Connectors (Blue: GPS, FAKRA Model C; Purple: 4G, FAKRA Model D; Green: Wi-Fi, FAKRA Model E)

Applications
Automotive and Commercial Vehicles
Remote monitoring Navigation devices
Fleet management systems that
require high-speed data requirements




Similar Part No. - 206866

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
206866 MOLEX11-206866 Datasheet
1Mb / 2P
Combo External Antennas (4G/Wi-Fi/GPS)
206866-3000 MOLEX11-206866-3000 Datasheet
1Mb / 2P
Combo External Antennas (4G/Wi-Fi/GPS)
2068663000 MOLEX-2068663000 Datasheet
50Kb / 2P
3-in-1 (4G/Wi-Fi/GPS) External Antenna, 77.00mm Diameter, 3.0m Cables with Fakra Connectors
More results


Similar Description - 206866

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30060-S1A WPI-WPANT30060-S1A Datasheet
380Kb / 4P
3G, Wi-Fi and GPS Body-mount Antenna
logo
Taoglas antenna solutio...
GWLA01 TAOGLAS-GWLA01 Datasheet
1Mb / 21P
GPS L1/GALILEO & Bluetooth/Wi-Fi 2.4GHz
logo
World Produts Inc.
WPANT10089 WPI-WPANT10089 Datasheet
120Kb / 2P
GPS and Wi-Fi Miniature Antenna
WPANT30136 WPI-WPANT30136 Datasheet
110Kb / 2P
3G Cellular, Wi-Fi and GPS Combo Antenna
logo
Molex Electronics Ltd.
2068663000 MOLEX-2068663000 Datasheet
50Kb / 2P
3-in-1 (4G/Wi-Fi/GPS) External Antenna, 77.00mm Diameter, 3.0m Cables with Fakra Connectors
987651-6901 MOLEX-987651-6901 Datasheet
633Kb / 3P
Wi-Fi Flexible and PCB Antennas
2020.07
AS-2068663000 MOLEX-AS-2068663000 Datasheet
2Mb / 25P
3IN1 (4G/GPS/WIFI) EXTERNAL ANETNNA
2019/11/25
logo
Advantech Co., Ltd.
PCM-24BXWF ADVANTECH-PCM-24BXWF Datasheet
407Kb / 1P
Modular iDoor Box with Wi-Fi, Bluetooth, and Antennas
20-Apr-2021
logo
AVX Corporation
1005392F0-AA10L0600 AVX-1005392F0-AA10L0600 Datasheet
3Mb / 10P
5G/4G & Dual Dual-band Wi-Fi FPC Embedded Combo Antenna
10-Aug-21
M310220 AVX-M310220 Datasheet
1Mb / 6P
Wi-Fi / BT / Zigbee Ceramic Antennas
11/15/2018
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com