Electronic Components Datasheet Search
  English  ▼

X  

CD4011BF3A Datasheet (PDF) - Texas Instruments

CD4011BF3A Datasheet PDF - Texas Instruments
Part # CD4011BF3A
Download  CD4011BF3A Download
File Size   1020.1 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS NAND GATES

CD4011BF3A Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4011BF3A Datasheet PDF - Texas Instruments

Part # CD4011BF3A
Download  CD4011BF3A Click to download

File Size   1020.1 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS NAND GATES

CD4011BF3A Datasheet (HTML) - Texas Instruments


CD4011BF3A Product details

Features:
Propagation delay time = 60 ns (typ.) at
CL =50 pF, Vpp = 10V
= Buffered inputs and outputs
= Standardized symmetrical output characteristics
Maximum input current of 1 uA at 18 V
over full package temperature range;
100 nA at 18 V and 25°C
= 100% tested for quiescent current at 20 V
5-V, 10-V, and 15-V parametric ratings
Noise margin (over full package temperature
range:
1VatVpp=5V
2VatVpp=10V
25VatVpp=15V
Meets all requirements of JEDEC Tentative
Standard No. 138, “Standard Specifications
for Description of “B” Series CMOS Devices”




Similar Part No. - CD4011BF3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4011BF3A TI-CD4011BF3A Datasheet
525Kb / 13P
CMOS NAND GATES
CD4011BF3A TI-CD4011BF3A Datasheet
523Kb / 12P
The CD4011B, CD4012B, and CD4023B types are supplied in 14-lead hermetic dual-in-line ceramic packages
CD4011BF3A TI1-CD4011BF3A Datasheet
1Mb / 19P
CMOS NAND GATES
CD4011BF3A TI1-CD4011BF3A Datasheet
1Mb / 20P
CMOS NAND GATES
CD4011BF3AS2534 TI1-CD4011BF3AS2534 Datasheet
1Mb / 19P
CMOS NAND GATES
More results


Similar Description - CD4011BF3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4011B TI-CD4011B Datasheet
525Kb / 13P
CMOS NAND GATES
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
CMOS NAND Gates
November 1994
logo
Microsemi Corporation
TSC321 MICROSEMI-TSC321 Datasheet
1Mb / 3P
NAND Gates
TSC325 MICROSEMI-TSC325 Datasheet
853Kb / 3P
NAND Gates
logo
Micro Electronics
MMC4011 MICRO-ELECTRONICS-MMC4011 Datasheet
106Kb / 4P
NAND GATES
logo
Texas Instruments
CD4012A TI-CD4012A Datasheet
200Kb / 4P
CMOS NAND Gates
CD4011AD3 TI1-CD4011AD3 Datasheet
371Kb / 7P
CMOS NAND GATES
CD4011B TI1-CD4011B_15 Datasheet
1Mb / 19P
CMOS NAND GATES
CD4011B TI1-CD4011B_17 Datasheet
1Mb / 20P
CMOS NAND GATES
logo
Renesas Technology Corp
CD4011BMS RENESAS-CD4011BMS Datasheet
369Kb / 9P
CMOS NAND Gates
November 1994
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com