Electronic Components Datasheet Search
  English  ▼

X  

CD4010BF Datasheet (PDF) - Texas Instruments

CD4010BF Datasheet PDF - Texas Instruments
Part # CD4010BF
Download  CD4010BF Download
File Size   1041.38 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Hex Buffers/Converters

CD4010BF Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4010BF Datasheet PDF - Texas Instruments

Part # CD4010BF
Download  CD4010BF Click to download

File Size   1041.38 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Hex Buffers/Converters

CD4010BF Datasheet (HTML) - Texas Instruments


CD4010BF Product details

Features:
= 100% tested for quiescent current at 20 V
Maximum input current of 1 uA at 18 V over full
package-temperature range; 100 nA at 18 V and 25°C
5.V, 10-V, and 15-V parametric ratings




Similar Part No. - CD4010BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4010BF TI-CD4010BF Datasheet
304Kb / 12P
CMOS HEX BUFFERS/CONVERTERS
CD4010BF TI-CD4010BF Datasheet
1Mb / 18P
CMOs Hex Buffers/Converters
CD4010BF TI1-CD4010BF Datasheet
1Mb / 17P
CMOS Hex Buffers/Converters
CD4010BF3A TI-CD4010BF3A Datasheet
304Kb / 12P
CMOS HEX BUFFERS/CONVERTERS
CD4010BF3A TI-CD4010BF3A Datasheet
1Mb / 18P
CMOs Hex Buffers/Converters
More results


Similar Description - CD4010BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4009UB TI-CD4009UB Datasheet
304Kb / 12P
CMOS HEX BUFFERS/CONVERTERS
CD4049UB TI-CD4049UB Datasheet
77Kb / 18P
CMOS HEX BUFFERS/CONVERTERS
logo
Intersil Corporation
CD4009UBMS INTERSIL-CD4009UBMS Datasheet
74Kb / 8P
CMOS Hex Buffers/Converter
November 1994
logo
Motorola, Inc
MC74HC4049D MOTOROLA-MC74HC4049D Datasheet
181Kb / 6P
Hex Buffers/Logic-Level Down Converters
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
CMOS Hex Buffer/Converters
logo
Texas Instruments
CD4009UBPWRE4 TI-CD4009UBPWRE4 Datasheet
1Mb / 18P
CMOS HEX BUFFERS/CONVERTERS
CD4010BM96G4 TI-CD4010BM96G4 Datasheet
1Mb / 18P
CMOs Hex Buffers/Converters
JM3851005554BEA TI-JM3851005554BEA Datasheet
1Mb / 38P
CMOS Hex Buffer Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B Datasheet
210Kb / 5P
CMOS HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4009UB TI1-CD4009UB_15 Datasheet
1Mb / 17P
CMOS Hex Buffers/Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com