Electronic Components Datasheet Search
  English  ▼

X  

ADS1100 Datasheet (PDF) - Texas Instruments

ADS1100 Datasheet PDF - Texas Instruments
Part # ADS1100
Download  ADS1100 Download
File Size   1036.97 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER

ADS1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1100 Datasheet PDF - Texas Instruments

Part # ADS1100
Download  ADS1100 Click to download

File Size   1036.97 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER

ADS1100 Datasheet (HTML) - Texas Instruments


ADS1100 Product details

FEATURES
COMPLETE DATA ACQUISITION SYSTEM IN A
TINY SOT23-6 PACKAGE
16-BITS NO MISSING CODES
INL: 0.0125% of FSR MAX
CONTINUOUS SELF-CALIBRATION
SINGLE-CYCLE CONVERSION
PROGRAMMABLE GAIN AMPLIFIER
GAIN = 1, 2, 4, OR 8
LOW NOISE: 4μVp-p
PROGRAMMABLE DATA RATE: 8SPS to 128SPS
INTERNAL SYSTEM CLOCK
I2CTM INTERFACE
POWER SUPPLY: 2.7V to 5.5V
LOW CURRENT CONSUMPTION: 90μA
AVAILABLE IN EIGHT DIFFERENT ADDRESSES

APPLICATIONS
PORTABLE INSTRUMENTATION
INDUSTRIAL PROCESS CONTROL
SMART TRANSMITTERS
CONSUMER GOODS
FACTORY AUTOMATION
TEMPERATURE MEASUREMENT

DESCRIPTION
The ADS1100 is a precision, continuously self-calibrating
Analog-to-Digital (A/D) converter with differential inputs and
up to 16 bits of resolution in a small SOT23-6 package.
Conversions are performed ratiometrically, using the power
supply as the reference voltage. The ADS1100 uses an
I2C-compatible serial interface and operates from a single
power supply ranging from 2.7V to 5.5V.
The ADS1100 can perform conversions at rates of 8, 16, 32,
or 128 samples per second. The onboard Programmable
Gain Amplifier (PGA), which offers gains of up to 8, allows
smaller signals to be measured with high resolution. In
single-conversion mode, the ADS1100 automatically powers
down after a conversion, greatly reducing current consumption
during idle periods.
The ADS1100 is designed for applications requiring highresolution
measurement, where space and power consumption
are major considerations. Typical applications include
portable instrumentation, industrial process control, and smart
transmitters.




Similar Part No. - ADS1100

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100 Datasheet
882Kb / 24P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100 TI1-ADS1100 Datasheet
880Kb / 23P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1100A0IDBVR BURR-BROWN-ADS1100A0IDBVR Datasheet
282Kb / 18P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100A0IDBVR TI1-ADS1100A0IDBVR Datasheet
486Kb / 22P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
More results


Similar Description - ADS1100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS850 TI-ADS850 Datasheet
304Kb / 15P
14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
API Technologies Corp
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
47kHz, 16-bit Self-calibrating Sampling A/D Converter
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
Texas Instruments
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com