Electronic Components Datasheet Search
  English  ▼

X  

CP2215 Datasheet (PDF) - Chiphomer Technology Limited

CP2215 Datasheet PDF - Chiphomer Technology Limited
Part # CP2215
Download  CP2215 Download
File Size   192.76 Kbytes
Page   3 Pages
Manufacturer  CHIPHOMER [Chiphomer Technology Limited]
Direct Link  http://www.chiphomer.com/
Logo CHIPHOMER - Chiphomer Technology Limited
Description 3W, Mono, Ultra-Low EMI, Filterless, Class-D Audio Power Amplifier with Spread Spectrum

CP2215 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP2215 Datasheet PDF - Chiphomer Technology Limited

Part # CP2215
Download  CP2215 Click to download

File Size   192.76 Kbytes
Page   3 Pages
Manufacturer  CHIPHOMER [Chiphomer Technology Limited]
Direct Link  http://www.chiphomer.com/
Logo CHIPHOMER - Chiphomer Technology Limited
Description 3W, Mono, Ultra-Low EMI, Filterless, Class-D Audio Power Amplifier with Spread Spectrum

CP2215 Datasheet (HTML) - Chiphomer Technology Limited


CP2215 Product details

General Description
The CP2215 is a high efficiency, mono, filterless, Class D audio power
amplifier with spread spectrum designed for demanding audio
applications. An advanced spread spectrum modulation reduces EMI
and eliminates output filter. It is capable of delivering 3W of continuous
average power to a 4Ω BTL load with less than 10% distortion (THD+N)
from a 5V battery voltage. It operates from 2.5V to 5.5V.
Features like 90% efficiency, -80dB PSRR at 217Hz, improved
RF-rectification immunity, the space-saving CSP9 and DFN8 packages,
the advanced pop & click circuitry, a minimal count of external
components and low-power shutdown mode make the CP2215 ideal for
wireless handsets.
The gain of the CP2215 can be configured by external input resistors,
which allows independent gain control from multiple sources by
summing the signals. Short circuit and thermal protection prevent the
device from damage during fault conditions.

Features
y Spread spectrum modulation reduces EMI and eliminates output filter
y Efficiency with an 8Ω speaker at 400mW
y Power output at 5.0V, 1%THD, 8Ω
y Power output at 5.0V, 10%THD, 4Ω
y Quiescent current
y Shutdown current
y Improved PSRR
y Wide single supply voltage: 2.5V to 5.5V
y Fully differential design reduces RF rectification
y Integrated click-and-pop suppression circuitry
y Short circuit and thermal protection
y Available in space-saving packages: CSP9 & DFN8
y RoHS compliant and 100% lead(Pb)-free

Applications
y Wireless handsets
y Portable audio devices
y PDAs
y Notebook computers




Similar Part No. - CP2215

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
CP2215-0010 BECKHOFF-CP2215-0010 Datasheet
200Kb / 5P
Multi-touch built-in Panel PC
CP2215-0020 BECKHOFF-CP2215-0020 Datasheet
192Kb / 4P
Multi-touch built-in Panel PC
CP2215-0030 BECKHOFF-CP2215-0030 Datasheet
192Kb / 4P
Multi-touch built-in Panel PC
More results


Similar Description - CP2215

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Power Analog Micoelectr...
PAM8303D PAM-PAM8303D Datasheet
277Kb / 17P
Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Texas Instruments
LM4675 TI1-LM4675 Datasheet
1Mb / 23P
LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C_18 Datasheet
791Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com