Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet (PDF) - Texas Instruments

TPS62650 Datasheet PDF - Texas Instruments
Part # TPS62650
Download  TPS62650 Download
File Size   988.58 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C™ Compatible Interface in Chip-Scale Packaging

TPS62650 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62650 Datasheet PDF - Texas Instruments

Part # TPS62650
Download  TPS62650 Click to download

File Size   988.58 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C™ Compatible Interface in Chip-Scale Packaging

TPS62650 Datasheet (HTML) - Texas Instruments


TPS62650 Product details

1FEATURES
23• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following
Results:
– Device Temperature Grade 2: –40°C to
+105°C Ambient Operating Temperature
Range
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C3B
• 86% Efficiency at 6-MHz Operation
• 38-μA Quiescent Current
• Wide V IN Range From 2.3 V to 5.5 V
• 6-MHz Regulated Frequency Operation
• Best-in-Class Load and Line Transient
• ±2% PWM DC Voltage Accuracy
• Automatic PFM/PWM Mode Switching
• Low-Ripple Light-Load PFM
• I2C Compatible Interface up to 3.4 Mbps
• Pin-Selectable Output Voltage (VSEL)
• Internal Soft-Start, <150-μs Start-Up Time
• Current Overload and Thermal Shutdown
Protection
• Three Surface-Mount External Components
Required (One MLCC Inductor, Two Ceramic
Capacitors)
• Complete Sub 1-mm Component Profile
Solution
• Total Solution Size <13 mm2
• Available in a 9-Pin NanoFree™ (CSP) Package

APPLICATIONS
• SmartReflex™ Compliant Power Supply
• OMAP™ Application Processor Core Supply
• Cell Phones, Smart-Phones
• Micro DC-DC Converter Modules

DESCRIPTION
The TPS62650-Q1 device is a high-frequency
synchronous step-down dc-dc converter optimized for
battery-powered portable applications. Intended for
low-power applications, the TPS62650-Q1 supports
up to 800-mA load current and allows the use of
small, low-cost inductors and capacitors.
The device is ideal for mobile phones and similar
portable applications powered by a single-cell Li-Ion
battery. With an output voltage range adjustable via
an I2C interface down to 0.75 V, the device supports
low-voltage core power supplies for DSPs and
processors in smart-phones and handheld
computers.
The TPS62650-Q1 operates at a regulated 6-MHz
switching frequency and enters the efficiency- optimized power-save mode operation at light load
currents to maintain high efficiency over the entire
load current range. In the shutdown mode, the
current consumption is reduced to less than 3.5 μA.




Similar Part No. - TPS62650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI1-TPS62650 Datasheet
847Kb / 38P
800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62650 TI-TPS62650 Datasheet
1Mb / 39P
800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI2-TPS62650 Datasheet
968Kb / 41P
800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
REVISED JULY 2011
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
More results


Similar Description - TPS62650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com