Electronic Components Datasheet Search
  English  ▼

X  

TPS60211 Datasheet (PDF) - Texas Instruments

TPS60211 Datasheet PDF - Texas Instruments
Part # TPS60211
Download  TPS60211 Download
File Size   793.17 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT

TPS60211 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS60211 Datasheet PDF - Texas Instruments

Part # TPS60211
Download  TPS60211 Click to download

File Size   793.17 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT

TPS60211 Datasheet (HTML) - Texas Instruments


TPS60211 Product details

features
Regulated 3.3-V Output Voltage From a
1.8-V to 3.6-V Input Voltage Range
UltraLow Operating Current in Snooze
Mode, Typical 2 μA
Less Than 5-mV(PP) Output Voltage Ripple
Achieved With Push-Pull Topology
Integrated Low-Battery and Power-Good
Detector
Switching Frequency Can Be Synchronized
to External Clock Signal
Extends Battery Usage With up to 90%
Efficiency and 35-μA Quiescent Current
Easy-To-Design, Low Cost, Low EMI Power
Supply Since No Inductors Are Used
Compact Converter Solution in UltraSmall
10-Pin MSOP With Only Four External
Capacitors Required
Evaluation Module Available
(TPS60210EVM-167)

applications
Replaces DC/DC Converters With Inductors
in Battery-Powered Applications Like:
− Two Battery Cells to 3.3-V Conversion
− MSP430 Ultralow-Power Microcontroller
and Other Battery Powered
Microprocessor Systems
− Glucose Meters and Other Medical
Instruments
− MP3 Portable Audio Players
− Backup-Battery Boost Converters
− Cordless Phones, PDAs

description
The TPS6021x step-up, regulated charge pumps generate a 3.3-V ±4% output voltage from a 1.8-V to 3.6-V
input voltage. These devices are typically powered by two alkaline, NiCd, or NiMH battery cells or by one primary
lithium MnO2 (or similar) coin cell and operate down to a minimum supply voltage of 1.6 V. Continuous output
current is a minimum of 100 mA for the TPS60210 and TPS60211, and 50 mA for the TPS60212 and TPS60213,
all from a 2-V input.




Similar Part No. - TPS60211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60211 TI-TPS60211 Datasheet
371Kb / 21P
REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
TPS60211 TI-TPS60211 Datasheet
513Kb / 24P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60211 TI1-TPS60211 Datasheet
1,011Kb / 26P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60211DGS TI-TPS60211DGS Datasheet
371Kb / 21P
REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
TPS60211DGS TI1-TPS60211DGS Datasheet
994Kb / 26P
REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
More results


Similar Description - TPS60211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60210 TI-TPS60210 Datasheet
371Kb / 21P
REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
Texas Instruments
TPS60210DGSR TI1-TPS60210DGSR Datasheet
994Kb / 26P
REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com