Electronic Components Datasheet Search
  English  ▼

X  

TPS54917 Datasheet (PDF) - Texas Instruments

TPS54917 Datasheet PDF - Texas Instruments
Part # TPS54917
Download  TPS54917 Download
File Size   655.32 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54917 3-V to 4-V Input, 9-A, Small Synchronous Buck Switcher With Integrated FETs (SWIFT™)

TPS54917 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54917 Datasheet PDF - Texas Instruments

Part # TPS54917
Download  TPS54917 Click to download

File Size   655.32 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54917 3-V to 4-V Input, 9-A, Small Synchronous Buck Switcher With Integrated FETs (SWIFT™)

TPS54917 Datasheet (HTML) - Texas Instruments


TPS54917 Product details

1 Features
1• 13-mΩ MOSFET Switches for High Efficiency at
9-A Continuous Output
• Adjustable Output Voltage Down to 0.9 V With
1% Accuracy
• Externally Compensated for Design Flexibility
• Wide PWM Frequency: Fixed 350 kHz, 550 kHz,
or Adjustable 280 kHz to 1.6 MHz
• Synchronizable to 1.6 MHz
• Load Protected by Peak Current Limit and
Thermal Shutdown
• Small 3.5 mm x 7 mm Package and Similar
Layout to TPS54910 Reduces Board Area and
Total Cost
• SWIFT Documentation Application Notes, and
SwitcherPro™ Software: www.ti.com/swift

2 Applications
• Low-Voltage, High-Density Systems With Power
Distributed at 3.3 V
• Point-of-Load Regulation for High Performance
DSPs, FPGAs, ASICs, and Microprocessors
• Broadband, Networking, and Optical
Communications Infrastructure

3 Description
As a member of the SWIFT™ family of DC-DC
regulators, the TPS54917 low-input voltage highoutput
current synchronous buck PWM converter
offers the same features as the TPS54910 in a
smaller package and higher switching frequency,
which allows for a smaller total solution. Included on
the substrate with the listed features are a true, high
performance, voltage error amplifier that enables
maximum performance under transient conditions
and flexibility in choosing the output filter L and C
components; an undervoltage lockout (UVLO) circuit
to prevent start-up until the input voltage reaches 3 V;
an internally and externally set slow-start circuit to
limit in-rush currents; and a power good output useful
for processor or logic reset, fault signaling, and
supply sequencing.
The TPS54917 is available in a thermally enhanced
34-pin VQFN (RUV) PowerPAD™ package, which
eliminates bulky heat sinks. TI provides evaluation
modules and the SwitcherPro design software tool to
aid in achieving high-performance power supply
designs to meet aggressive equipment development
cycles.




Similar Part No. - TPS54917

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54917 TI1-TPS54917 Datasheet
952Kb / 21P
3-V TO 4-V INPUT, 9-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54917RUVR TI1-TPS54917RUVR Datasheet
952Kb / 21P
3-V TO 4-V INPUT, 9-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54917RUVT TI1-TPS54917RUVT Datasheet
952Kb / 21P
3-V TO 4-V INPUT, 9-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Similar Description - TPS54917

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54617 TI-TPS54617 Datasheet
584Kb / 18P
3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54917 TI1-TPS54917 Datasheet
952Kb / 21P
3-V TO 4-V INPUT, 9-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610PWPG4 TI-TPS54610PWPG4 Datasheet
976Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54617 TI-TPS54617_15 Datasheet
794Kb / 21P
3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54910 TI-TPS54910_15 Datasheet
714Kb / 21P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54910 TI1-TPS54910_16 Datasheet
719Kb / 22P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54617 TI1-TPS54617_17 Datasheet
855Kb / 22P
3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com