| Electronic Components Datasheet Search |
|
SCC100F-2 Datasheet (PDF) - Pancon GmbH |
SCC100F-2 Datasheet (PDF) |
|
Download Datasheet |
| Part # | SCC100F-2 |
| Download | SCC100F-2 Click to download |
| File Size | 1642.56 Kbytes |
| Page | 1 Pages |
| Manufacturer | PANCON [Pancon GmbH] |
| Direct Link | https://pancon.de/ |
| Logo | |
| Description | All covers type SCC of the MAS-CON series 100 (pitch .100" resp. 2.54mm) and 156 (pitch .156" resp. 3.96mm) |
SCC100F-2 Datasheet (HTML) - Pancon GmbH |
Similar Part No. - SCC100F-2 |
|
Similar Description - SCC100F-2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |