Electronic Components Datasheet Search
  English  ▼

X  

78L15 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

78L15 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # 78L15
Download  78L15 Download
File Size   1506.15 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Three-Terminal Voltage Regulator

78L15 Datasheet (PDF)

Go To PDF Page Download Datasheet
78L15 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # 78L15
Download  78L15 Click to download

File Size   1506.15 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Three-Terminal Voltage Regulator

78L15 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


78L15 Product details

MW Features

Maximum output current
om: 0.1A

Output voltage
Vo:15V

Continuous total dissipation
Pp: 0.5W




Similar Part No. - 78L15

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L15 WINGS-78L15 Datasheet
155Kb / 2P
Positive-Voltage Regulators
logo
List of Unclassifed Man...
78L15 ETC-78L15 Datasheet
103Kb / 1P
THREE-TERMINAL POSITIVE VOLTAGE REGULATOR IC
78L15 ETC1-78L15 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
GUANGDONG HOTTECH INDUS...
78L15 HOTTECH-78L15 Datasheet
278Kb / 2P
Plastic-Encapsulate Voltage Regulator
logo
Foshan Blue Rocket Elec...
78L15 FOSHAN-78L15 Datasheet
805Kb / 6P
Voltage Regulator in a TO-92 Plastic Package
More results


Similar Description - 78L15

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK116XXU TOKO-TK116XXU Datasheet
78Kb / 14P
THREE-TERMINAL VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM79L09 KEXIN-LM79L09 Datasheet
63Kb / 1P
Three-terminal Voltage Regulator
logo
Guilin Strong Micro-Ele...
GM6202 GSME-GM6202 Datasheet
972Kb / 3P
Three-terminal Voltage Regulator
logo
Guangdong Kexin Industr...
78L03 KEXIN-78L03 Datasheet
365Kb / 1P
Three-Terminal Voltage Regulator
78L05 KEXIN-78L05 Datasheet
380Kb / 1P
Three-Terminal Voltage Regulator
78L05-23 KEXIN-78L05-23 Datasheet
417Kb / 1P
Three-Terminal Voltage Regulator
logo
DONGGUAN YOU FENG WEI E...
78L05-SOT23 YFWDIODE-78L05-SOT23 Datasheet
1Mb / 2P
Three-Terminal Voltage Regulator
logo
Galaxy Semi-Conductor H...
BL79LXX BILIN-BL79LXX Datasheet
192Kb / 10P
Three-terminal voltage regulator
Rev.A
logo
TECH PUBLIC Electronics...
78L05 TECHPUBLIC-78L05 Datasheet
1Mb / 3P
Three-Terminal Voltage Regulator
TP78L05T3 TECHPUBLIC-TP78L05T3 Datasheet
1Mb / 3P
Three-Terminal Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com