Electronic Components Datasheet Search
  English  ▼

X  

TPS53830RWZR Datasheet (PDF) - Texas Instruments

TPS53830RWZR Datasheet PDF - Texas Instruments
Part # TPS53830RWZR
Download  TPS53830RWZR Download
File Size   455.36 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53830 Integrated Step-Down Digital Converter for DDR5 On-DIMM Power Supply

TPS53830RWZR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53830RWZR Datasheet PDF - Texas Instruments

Part # TPS53830RWZR
Download  TPS53830RWZR Click to download

File Size   455.36 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53830 Integrated Step-Down Digital Converter for DDR5 On-DIMM Power Supply

TPS53830RWZR Datasheet (HTML) - Texas Instruments


TPS53830RWZR Product details

1 Features
• Single silicon design to support DDR5 applications
• 3 Outputs to supply VDD (1.1V), VDDQ (1.1V) and
VPP (1.8V), with optional 4th Output (VDD2)
• For 3 outputs, 12 A for VDD(SWA dual phase), 6
A for VDDQ(SWC) and 5 A for VPP(SWD) with 3
outputs
• For 4 outputs, 6 A for VDD1(SWA), 6 A for
VDD2(SWB), 6 A for VDDQ(SWC), and 5 A for
VPP(SWD)
• Differential remote sense: VDD, VDDQ, and VPP
• D-CAP+™ control for fast transient response
• Wide input voltage: 4.5 V to 15 V
• Programmable internal loop compensation
• Per-phase cycle-by-cycle current limit
• Programmable frequency: 500 kHz to 1.375 MHz
• Support I2C and I3C Bus interface for telemetry
of voltage, current, power, temperature, and fault
conditions
• Overcurrent, overvoltage, over-temperature
protections
• Persistent register (black box) feature
• Low quiescent current
• 5 mm × 5 mm, 35-Pin, QFN PowerPad™ package

2 Applications
• DDR5 On-DIMM Power Supply for Server

3 Description
The TPS53830 is D-CAP+™ mode integrated stepdown
converter for DDR5 on-DIMM power supply. It
provides VDD, VDDQ and VPP voltages to the DRAM
chips on the DIMM module with configurable current
capability. The high-current rail can be configured to
2-phase or 2 outputs to supply up to 12 A (or 6A + 6
A) current with D-CAP+™ mode control. The converter
also employs internal compensation for ease of use
and reduce external components.
The converter provides a full set of telemetry,
including input voltage, output voltage, and output
current. overvoltage, undervoltage, overcurrent limit,
and over-temperature protections are provided as
well.
The TPS53830 is packaged in a thermally-enhanced
35-pin QFN and operates from -40°C to +125°C.




Similar Part No. - TPS53830RWZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53830RWZR TI-TPS53830RWZR Datasheet
966Kb / 9P
TPS53830 Integrated Step-Down Digital Converter for DDR5 On-DIMM Power Supply
SEPTEMBER 2021
More results


Similar Description - TPS53830RWZR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1802 MAXIM-MAX1802 Datasheet
469Kb / 28P
Digital Camera Step-Down Power Supply
19-1850; Rev 0; 10/00
logo
ADTech
ADT7351 ADTECH-ADT7351 Datasheet
975Kb / 15P
step-down converter with integrated switching MOSFET
ADT7350 ADTECH-ADT7350_12 Datasheet
651Kb / 10P
Step-down converter with integrated switching MOSFET
logo
Rohm
BZ6A1206GMP ROHM-BZ6A1206GMP Datasheet
1Mb / 23P
0.65A Output, Fully Integrated Step-down Switching Power Supply Module
logo
Texas Instruments
TPS53820 TI1-TPS53820 Datasheet
168Kb / 10P
Integrated Step-Down Converter with SVID Interface for Intel짰 CPU Power Supply
TPS53830 TI-TPS53830 Datasheet
966Kb / 9P
TPS53830 Integrated Step-Down Digital Converter for DDR5 On-DIMM Power Supply
SEPTEMBER 2021
TPS53832 TI-TPS53832 Datasheet
1Mb / 10P
TPS53832 Integrated Step-Down Digital Converter for DDR5 On-DIMM Power Supply
SEPTEMBER 2021
TPS53830A TI-TPS53830A Datasheet
495Kb / 6P
TPS53830A Integrated Step-Down Digital Converter for DDR5 On-DIMM Power Supply
OCTOBER 2022
TPS53832A TI-TPS53832A Datasheet
479Kb / 6P
TPS53832A Integrated Step-Down Digital Converter for DDR5 On-DIMM Power Supply
OCTOBER 2022
logo
Richtek Technology Corp...
RTQ5119A RICHTEK-RTQ5119A Datasheet
2Mb / 149P
DDR5 VR on DIMM PMIC
March 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com