Electronic Components Datasheet Search
  English  ▼

X  

TPS53627RSMT Datasheet (PDF) - Texas Instruments

TPS53627RSMT Datasheet PDF - Texas Instruments
Part # TPS53627RSMT
Download  TPS53627RSMT Download
File Size   871.3 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53627 2-Phase, D-CAP™ Step-Down Controller for VR13 CPU VCORE and DDR Memory

TPS53627RSMT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53627RSMT Datasheet PDF - Texas Instruments

Part # TPS53627RSMT
Download  TPS53627RSMT Click to download

File Size   871.3 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53627 2-Phase, D-CAP™ Step-Down Controller for VR13 CPU VCORE and DDR Memory

TPS53627RSMT Datasheet (HTML) - Texas Instruments


TPS53627RSMT Product details

1 Features
1• Intel® VR13 Serial VID (SVID) Compliant
• 1- or 2-Phase Operation
• Supports Both Droop and Non-Droop Applications
• 8-Bit DAC with 10-mV Step
• 4.5-V to 28-V Conversion Voltage Range
• Output Range: 0.5 V to 2.3 V
• Optimized Efficiency at Light and Heavy Loads
• 8 Independent Levels of Overshoot Reduction
(OSR) and Undershoot Reduction (USR)
• Driverless Configuration for Efficient High-
Frequency Switching
• Supports Discrete, Power Block, Power Stage™
or DrMOS MOSFET Implementations
• Accurate, Adjustable Voltage Positioning
• 300-kHz to 1-MHz Frequency Selections
• Patented AutoBalance™ Phase Balancing
• Programmable ON-Pulse Extension for Load
Transient Boost
• Programmable Auto DCM and CCM Operation
• Selectable 8-level Current Limit
• Small, 4 mm × 4 mm, 32-Pin, VQFN PowerPad™
Package

2 Applications
• VDDQ for DDR Memory
• SoC Processor VCORE Power

3 Description
The TPS53627 device is a driverless, VR13 SVID
compliant, synchronous buck controller. Advanced
control features such as D-CAP+ ™architecture with
overlapping pulse support undershoot reduction
(USR) and overshoot reduction (OSR) to provide fast
transient response, lowest output capacitance and
high efficiency. The device also supports singlephase
operation in CCM and DCM operation for lightload
efficiency boost. The device integrates a full set
of VR13 I/O features including VR_READY
(PGOOD), ALERT and VR_HOT. The SVID interface
address allows programming from 00h to 07h.
Adjustable control of VOUT slew rate can be
programmed as high as 20mV/uS.
Paired with the TI NexFET™ Power Stage, this total
solution delivers exceptionally high speed and low
switching loss.
The TPS53627 device package is a space saving,
thermally enhanced 32-pin VQFN package that
operates from –40°C to +105°C.




Similar Part No. - TPS53627RSMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53627RSMT TI1-TPS53627RSMT Datasheet
769Kb / 11P
2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
More results


Similar Description - TPS53627RSMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
logo
Exar Corporation
XRP6142EL2-0-F EXAR-XRP6142EL2-0-F Datasheet
732Kb / 17P
Synchronous Step-Down Controller with DDR Memory Termination
logo
Texas Instruments
TPS51650 TI-TPS51650_15 Datasheet
1Mb / 51P
Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS59650 TI-TPS59650_15 Datasheet
1Mb / 51P
Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53679 TI1-TPS53679 Datasheet
744Kb / 11P
Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
TPS51650 TI1-TPS51650_17 Datasheet
1Mb / 51P
Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com