Electronic Components Datasheet Search
  English  ▼

X  

LTK53107ESTRG Datasheet (PDF) - LTKCHIP TECHNOLOGY

LTK53107ESTRG Datasheet PDF - LTKCHIP TECHNOLOGY
Part # LTK53107ESTRG
Download  LTK53107ESTRG Download
File Size   613.61 Kbytes
Page   10 Pages
Manufacturer  LTKCHIP [LTKCHIP TECHNOLOGY]
Direct Link  
Logo LTKCHIP - LTKCHIP TECHNOLOGY
Description 12W mono, AB/D, audio power amplifier with adaptive boost

LTK53107ESTRG Datasheet (PDF)

Go To PDF Page Download Datasheet
LTK53107ESTRG Datasheet PDF - LTKCHIP TECHNOLOGY

Part # LTK53107ESTRG
Download  LTK53107ESTRG Click to download

File Size   613.61 Kbytes
Page   10 Pages
Manufacturer  LTKCHIP [LTKCHIP TECHNOLOGY]
Direct Link  
Logo LTKCHIP - LTKCHIP TECHNOLOGY
Description 12W mono, AB/D, audio power amplifier with adaptive boost

LTK53107ESTRG Datasheet (HTML) - LTKCHIP TECHNOLOGY


LTK53107ESTRG Product details

Features
 Operating voltage range: 3V-5V
 Boost up to 9.8V
 Integrated high-current asynchronous inductive boost
 Adaptive boost for improved efficiency
 AB/D mode switching
 Output power
at 10% THD+N
– 12.0W, at VIN = 3.7V, RL = 4Ω
– 15.0W, at VIN = 3.7V, RL = 3Ω
at 1% THD+N
– 10.1W, at VIN = 3.7V, RL = 4Ω
– 12.2W, at VIN = 3.7V, RL = 3Ω
 82% efficiency at 3.7V input
 Optional spread spectrum mode for improved EMI
 Shutdown current < 10uA
 Overtemperature protection
 Compact ESOP-10 package
 Environmentally friendly package that meets ROHS requirements

Applications
 Various Bluetooth speakers, smart speakers
 Amplifiers, speaker devices
 Various consumer audio products




Similar Part No. - LTK53107ESTRG

ManufacturerPart #DatasheetDescription
logo
ShenZhen ChipSourceTek ...
LTK5313 CHIPSOURCETEK-LTK5313 Datasheet
656Kb / 10P
5W Mono Charge-Pumped Class AB/D Audio Power Amplifier
Rev. P.2 - Apr., 2020
LTK5313ESTRG CHIPSOURCETEK-LTK5313ESTRG Datasheet
656Kb / 10P
5W Mono Charge-Pumped Class AB/D Audio Power Amplifier
Rev. P.2 - Apr., 2020
More results


Similar Description - LTK53107ESTRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
12W Stereo Class-D Audio Power Amplifier
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621_09 Datasheet
1Mb / 76P
I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5621-GR REALTEK-ALC5621-GR Datasheet
1Mb / 76P
I2S AUDIO CODEC 1.3W CLASS AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5622-GR REALTEK-ALC5622-GR Datasheet
1Mb / 73P
I2S AUDIO CODEC 1.3W CLASS AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5622-GR REALTEK-ALC5622-GR_08 Datasheet
1Mb / 74P
I2S AUDIO CODEC 1.3W CLASS AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
CS8505E YONGFUKANG-CS8505E Datasheet
230Kb / 7P
8W Mono Class AB Fully Differential Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8873 HMSEMI-HM8873 Datasheet
2Mb / 9P
ultra-low EMI, differential input, 20W mono AB/D audio power amplifier
logo
List of Unclassifed Man...
NS4110B ETC-NS4110B Datasheet
1Mb / 11P
18W Mono Class AB/D Dual Mode Audio Power Amplifier
2017 V1.0
logo
Shenzhen Naxinwei Techn...
NS4110 NSIWAY-NS4110 Datasheet
611Kb / 14P
Class AB/D dual-mode, 10W mono audio amplifier
V1.0
NS4165 NSIWAY-NS4165 Datasheet
585Kb / 13P
Class AB/D dual-mode, 5W mono audio amplifier
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com