Electronic Components Datasheet Search
  English  ▼

X  

BS107A Datasheet (PDF) - ON Semiconductor

BS107A Datasheet PDF - ON Semiconductor
Part # BS107A
Download  BS107A Download
File Size   61.72 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Small Signal MOSFET 250 mA, 200 V, N−Channel TO−92

BS107A Datasheet (PDF)

Go To PDF Page Download Datasheet
BS107A Datasheet PDF - ON Semiconductor

Part # BS107A
Download  BS107A Click to download

File Size   61.72 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Small Signal MOSFET 250 mA, 200 V, N−Channel TO−92

BS107A Datasheet (HTML) - ON Semiconductor


BS107A Product details

Features
• AEC−Q101 Qualified and PPAP Capable
• This is a Pb−Free Device*




Similar Part No. - BS107A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BS107A MOTOROLA-BS107A Datasheet
76Kb / 4P
TMOS Switching(N-Channel-Enhancement)
logo
NXP Semiconductors
BS107A PHILIPS-BS107A Datasheet
49Kb / 8P
N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
ON Semiconductor
BS107A ONSEMI-BS107A Datasheet
52Kb / 8P
Small Signal MOSFET 250 mAmps, 200 Volts
November, 2000 ??Rev. 2
BS107A ONSEMI-BS107A Datasheet
56Kb / 6P
Small Signal MOSFET 250 mAmps, 200 Volts
December, 2004 ??Rev. 4
BS107A ONSEMI-BS107A Datasheet
71Kb / 4P
Small Signal MOSFET 250 mAmps, 200 Volts
October, 2007 - Rev. 5
More results


Similar Description - BS107A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N7002L ONSEMI-2N7002L Datasheet
58Kb / 4P
Small Signal MOSFET 60 V, 115 mA, N-Channel SOT-23
July, 2004 ??Rev. 2
BS107 ONSEMI-BS107 Datasheet
52Kb / 8P
Small Signal MOSFET 250 mAmps, 200 Volts
November, 2000 ??Rev. 2
2N7000 ONSEMI-2N7000 Datasheet
60Kb / 4P
Small Signal MOSFET 200 mAmps, 60 Volts N-Channel TO-92
November, 2000 ??Rev. 5
BS107 ONSEMI-BS107_04 Datasheet
56Kb / 6P
Small Signal MOSFET 250 mAmps, 200 Volts
December, 2004 ??Rev. 4
BS107 ONSEMI-BS107_07 Datasheet
71Kb / 4P
Small Signal MOSFET 250 mAmps, 200 Volts
October, 2007 - Rev. 5
logo
Leshan Radio Company
L2N7002WT1G LRC-L2N7002WT1G Datasheet
279Kb / 7P
Small Signal MOSFET 115 mA, 60 V N-Channel SOT-323
logo
ON Semiconductor
VN2410L ONSEMI-VN2410L Datasheet
120Kb / 3P
Small Signal MOSFET 240 V, 200 mA, N?묬hannel TO??2
January, 2009 ??Rev. 5
BS107A ONSEMI-BS107A Datasheet
99Kb / 4P
Small Signal MOSFET 250 mAmps, 200 Volts N.Channel TO.92
April, 2011 ??Rev. 6
NTNS0K8N021Z ONSEMI-NTNS0K8N021Z Datasheet
178Kb / 6P
MOSFET - Power, Single N-Channel, Small Signal 20 V, 220 mA
January, 2021-Rev. 1
NTS4001N ONSEMI-NTS4001N_V01 Datasheet
236Kb / 7P
MOSFET – Single, N-Channel, Small Signal, SC-70 30 V, 270 mA
June, 2019 - Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com