Electronic Components Datasheet Search
  English  ▼

X  

TPS6755Y Datasheet (PDF) - Texas Instruments

TPS6755Y Datasheet PDF - Texas Instruments
Part # TPS6755Y
Download  TPS6755Y Download
File Size   371.48 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADJUSTABLE INVERTING DC/DC CONVERTER

TPS6755Y Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS6755Y Datasheet PDF - Texas Instruments

Part # TPS6755Y
Download  TPS6755Y Click to download

File Size   371.48 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADJUSTABLE INVERTING DC/DC CONVERTER

TPS6755Y Datasheet (HTML) - Texas Instruments


TPS6755Y Product details

1-W Output (VCC . 4.5 V)
2.7-V to 9-V Input Operating Range
78% Typical Efficiency
160-kHz Fixed-Frequency Current-Mode
PWM Controller
EN Input Inhibits Operation and Reduces
Supply Current to 1 mA
Output Voltage Limited to M VOM 3 12 V– VCC
Soft Start
8-Pin SOIC and DIP Packages
–40°C to 85°C Free-Air Temperature Range
Pin-for-Pin Compatible with MAX755

description
The TPS6755 is an adjustable inverting dc/dc converter capable of operating from inputs as low as 2.7 V. The
only external components required are an inductor, an output filter capacitor, an input filter capacitor, a reference
filter capacitor, two resistors, and a Schottky rectifier. An enable input is provided to shut down the inverter when
an output voltage is not needed. The typical supply current is 1.9 mA at no-load and is further reduced to 1-mA
when the enable input is low.
The device features a 160-kHz current-mode pulse-width-modulation (PWM) controller with a p-channel
MOSFET power switch. The gate drive uses the converter output to reduce the die area needed to realize the
0.4-W MOSFET. Soft start is accomplished with the addition of one small capacitor at SS. A 1.22-V reference
is available for external loads up to 125 mA.
The TPS6755 is attractive for board-level dc/dc conversion in computer peripherals and in battery-powered
equipment requiring high efficiency and low supply current.
Available in an 8-pin DIP or an 8-pin SOIC package, the TPS6755 operates over a free-air temperature range
of –40°C to 85°C.




Similar Part No. - TPS6755Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
ADJUSTABLE INVERTING DC/DC CONVERTER
TPS6755 TI-TPS6755 Datasheet
430Kb / 23P
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS6755D TI-TPS6755D Datasheet
244Kb / 16P
ADJUSTABLE INVERTING DC/DC CONVERTER
TPS6755ID TI1-TPS6755ID Datasheet
440Kb / 19P
ADJUSTABLE INVERTING DC/DC CONVERTER
TPS6755IDG4 TI1-TPS6755IDG4 Datasheet
440Kb / 19P
ADJUSTABLE INVERTING DC/DC CONVERTER
More results


Similar Description - TPS6755Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
ADJUSTABLE INVERTING DC/DC CONVERTER
logo
Semtech Corporation
SC1650 SEMTECH-SC1650 Datasheet
90Kb / 4P
HIGH-VOLTAGE INVERTING DC-DC CONVERTER
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
MICROPOWER INVERTING DC/DC CONVERTER
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
1.0MHz Inverting DC/DC Converter
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
Micropower Inverting DC/DC Converter
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
Step-up and inverting DC-DC converter
31-Aug-2007
logo
Linear Technology
LT3483 LINER-LT3483 Datasheet
146Kb / 12P
Inverting Micropower DC/DC Converter with Schottky
logo
Texas Instruments
SLVS155A TI1-SLVS155A Datasheet
440Kb / 19P
ADJUSTABLE INVERTING DC/DC CONVERTER
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com