Electronic Components Datasheet Search
  English  ▼

X  

TPS51206 Datasheet (PDF) - Texas Instruments

TPS51206 Datasheet PDF - Texas Instruments
Part # TPS51206
Download  TPS51206 Download
File Size   588.89 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS51206 2-A Peak Sink / Source DDR Termination Regulator With VTTREF Buffered Reference for DDR2, DDR3, DDR3L, and DDR4

TPS51206 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS51206 Datasheet PDF - Texas Instruments

Part # TPS51206
Download  TPS51206 Click to download

File Size   588.89 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS51206 2-A Peak Sink / Source DDR Termination Regulator With VTTREF Buffered Reference for DDR2, DDR3, DDR3L, and DDR4

TPS51206 Datasheet (HTML) - Texas Instruments


TPS51206 Product details

1 Features
1• Supply Input Voltage: Supports 3.3-V Rail and 5-V
Rail
• VLDOIN Input Voltage Range: VTT+0.4 V to 3.5 V
• VTT Termination Regulator
– Output Voltage Range: 0.5 V to 0.9 V
– 2-A Peak Sink and Source Current
– Requires Only 10-μF MLCC Output Capacitor
– ±20 mV Accuracy
• VTTREF Buffered Reference
– VDDQ/2 ± 1% Accuracy
– 10-mA Sink and Source Current
• Supports High-Z in S3 and Soft-Stop in S4 and S5
with S3 and S5 Inputs
• Overtemperature Protection
• 10-Pin, 2 mm × 2 mm SON (DSQ) Package

2 Applications
• DDR2, DDR3, DDR3L, and DDR4 Memory Power
Supplies
• SSTL_18, SSTL_15, SSTL_135 and HSTL
Termination
• Telecom and Datacom, GSM Base Station, LCDTV
and PDP-TV, Copier and Printer, Set-top Box

3 Description
The TPS51206 device is a sink and source double
date rate (DDR) termination regulator with VTTREF
buffered reference output. It is specifically designed
for low-input voltage, low-cost, low-external
component count systems where space is a key
consideration. The device maintains fast transient
response and only requires 1 × 10-μF of ceramic
output capacitance. The device supports a remote
sensing function and all power requirements for
DDR2, DDR3 and Low-Power DDR3 (DDR3L), and
DDR4 VTT bus. The VTT current capability is ±2-A
peak. The device supports all of the DDR power
states, putting VTT to High-Z in S3 state (suspend to
RAM) and discharging VTT and VTTREF in S4 or S5
state (suspend to disk).
The TPS51206 device is available in 10-Pin, 2 mm ×
2 mm SON (DSQ) PowerPAD™ package and
specified from –40°C to 105°C.




Similar Part No. - TPS51206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51206 TI1-TPS51206 Datasheet
609Kb / 23P
2-A Peak Sink/Source DDR Termination Regulator with VTTREF Buffered Reference
TPS51206 TI2-TPS51206 Datasheet
598Kb / 27P
TPS51206 2-A Peak Sink / Source DDR Termination Regulator With VTTREF Buffered Reference for DDR2, DDR3, DDR3L, and DDR4
REVISED JULY 2018
TPS51206DSQR TI1-TPS51206DSQR Datasheet
609Kb / 23P
2-A Peak Sink/Source DDR Termination Regulator with VTTREF Buffered Reference
TPS51206DSQR TI2-TPS51206DSQR Datasheet
598Kb / 27P
TPS51206 2-A Peak Sink / Source DDR Termination Regulator With VTTREF Buffered Reference for DDR2, DDR3, DDR3L, and DDR4
REVISED JULY 2018
TPS51206DSQR.B TI2-TPS51206DSQR.B Datasheet
598Kb / 27P
TPS51206 2-A Peak Sink / Source DDR Termination Regulator With VTTREF Buffered Reference for DDR2, DDR3, DDR3L, and DDR4
REVISED JULY 2018
More results


Similar Description - TPS51206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51206 TI1-TPS51206 Datasheet
609Kb / 23P
2-A Peak Sink/Source DDR Termination Regulator with VTTREF Buffered Reference
logo
ON Semiconductor
NCP51199 ONSEMI-NCP51199 Datasheet
80Kb / 7P
DDR 2-Amp Source / Sink Termination Regulator
March, 2014 ??Rev. 2
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
Sink and Source DDR Termination Regulator
TPS7H3301-SP_016 TI1-TPS7H3301-SP_016 Datasheet
1Mb / 28P
Sink and Source Radiation-Hardened 3-A DDR Termination Regulator With Built-In VTTREF Buffer
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
Sink and Source DDR Termination Regulator
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com