Electronic Components Datasheet Search
  English  ▼

X  

TPS5110PW Datasheet (PDF) - Texas Instruments

TPS5110PW Datasheet PDF - Texas Instruments
Part # TPS5110PW
Download  TPS5110PW Download
File Size   853.92 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER

TPS5110PW Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS5110PW Datasheet PDF - Texas Instruments

Part # TPS5110PW
Download  TPS5110PW Click to download

File Size   853.92 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER

TPS5110PW Datasheet (HTML) - Texas Instruments


TPS5110PW Product details

FEATURES
Switching Mode Step-Down dc-to-dc
Controller With Fast LDO Controller
Input Voltage Range
Switcher: 4.5 V to 28 V
LDO: 1.1 V to 3.6 V
Output Voltage Range
Switcher: 0.9 V to 3.5 V
LDO: 0.9 V to 2.5 V
Synchronous for High Efficiency
Precision VREF (±1 %)
PWM Mode Control: Max. 500-kHz Operation
High-Speed Error Amplifier
Overcurrent Protection With Temperature
Compensation Circuit
Overvoltage and Undervoltage Protection
Programmable Short-Circuit Protection

APPLICATIONS
Notebook PCs, PDAs
Consumer Game Systems
DSP Application

DESCRIPTION
The TPS5110 provides one PWM-mode synchronous
buck regulator controller (SBRC) and one low drop-out
(LDO) regulator controller. The TPS5110 supports a
low-voltage/high-current power supply for I/O and other
peripherals in modern digital systems. The SBRC of the
TPS5110 automatically adjusts from PWM mode to
SKIP mode to maintain high efficiency under all load
conditions. The LDO controller drives an external
N-channel power MOSFET that realizes fast response
and ultra-low dropout voltage. A unique overshoot
protection circuit prevents a voltage hump at fast load
decreasing transients. The current protection circuit for
SBRC detects the drain-to-source voltage drop across
the low-side and high-side power MOSFET while it is
conducting. Also, the current protection circuit has a
temperature coefficient to compensate for the RDS(on)
variation of the MOSFET. This resistor-less current
protection simplifies the system design and reduces the
external parts count. The LDO controller includes
current-limit protection. Other features, such as
undervoltage lockout, power good, overvoltage,
undervoltage, and programmable short-circuit
protection promote system reliability.




Similar Part No. - TPS5110PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5110PW TI1-TPS5110PW Datasheet
941Kb / 43P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110PWG4 TI1-TPS5110PWG4 Datasheet
941Kb / 43P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110PWR TI1-TPS5110PWR Datasheet
941Kb / 43P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
More results


Similar Description - TPS5110PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
logo
Microsemi Corporation
NX2305 MICROSEMI-NX2305 Datasheet
579Kb / 19P
SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Texas Instruments
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com