Electronic Components Datasheet Search
  English  ▼

X  

TPS40210 Datasheet (PDF) - Texas Instruments

TPS40210 Datasheet PDF - Texas Instruments
Part # TPS40210
Download  TPS40210 Download
File Size   939.23 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER

TPS40210 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40210 Datasheet PDF - Texas Instruments

Part # TPS40210
Download  TPS40210 Click to download

File Size   939.23 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER

TPS40210 Datasheet (HTML) - Texas Instruments


TPS40210 Product details

1FEATURES
• For Boost, Flyback, SEPIC, LED Driver
Applications
• Wide Input Operating Voltage: 5.5 V to 52 V
• Adjustable Oscillator Frequency
• Fixed-Frequency Current-Mode Control
• Internal Slope Compensation
• Integrated Low-Side Driver
• Programmable Closed-Loop Soft Start
• Overcurrent Protection
• External Synchronization Capable
• Reference Voltage: 700 mV
• Low-Current Disable Function

APPLICATIONS
• Down-Hole Drilling
• High Temperature Environments

SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Extreme (–55°C/210°C)
Temperature Range(1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
• Texas Instruments high temperature products
utilize highly optimized silicon (die) solutions
with design and process enhancements to
maximize performance over extended
temperatures.
(1) Custom temperature ranges available

CONTENTS
Device Ratings 2
Electrical Characteristics 3
Typical Characteristics 5
Terminal Information 10
Application Information 12
Additional References 25
Design Examples 26

DESCRIPTION
The TPS40210 is a wide input voltage (5.5 V to 52 V)
non-synchronous boost controller. It is suitable for
topologies that require a grounded source N-channel FET, including boost, flyback, SEPIC, and various
LED driver applications. Device features include
programmable soft start, overcurrent protection with
automatic retry, and programmable oscillator
frequency. Current-mode control provides improved
transient response and simplified loop compensation.




Similar Part No. - TPS40210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI-TPS40210 Datasheet
1Mb / 45P
4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI-TPS40210 Datasheet
1Mb / 46P
4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210 Datasheet
1Mb / 44P
4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI1-TPS40210 Datasheet
1Mb / 41P
4.5-V to 52-V Input Current Mode Boost Controller
More results


Similar Description - TPS40210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
4.5-V to 52-V Input Current Mode Boost Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com