Electronic Components Datasheet Search
  English  ▼

X  

TPS40304A Datasheet (PDF) - Texas Instruments

TPS40304A Datasheet PDF - Texas Instruments
Part # TPS40304A
Download  TPS40304A Download
File Size   945.48 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER

TPS40304A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40304A Datasheet PDF - Texas Instruments

Part # TPS40304A
Download  TPS40304A Click to download

File Size   945.48 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER

TPS40304A Datasheet (HTML) - Texas Instruments


TPS40304A Product details

1FEATURES
• Input Voltage Range from 3 V to 20 V
• Fixed 600-kHz Switching Frequency
• High- and Low-Side FET RDS(on) Current
Sensing
• Programmable Thermally Compensated OCP
Levels
• Programmable Soft-Start
• 591-mV, 1% Reference Voltage
• Voltage Feed-Forward Compensation
• Supports Pre-Biased Output
• Frequency Spread Spectrum
• Thermal Shutdown Protection at 145°C
• 10-Pin 3 mm × 3 mm SON Package with
Ground Connection to Thermal Pad

CONTENTS
Device Ratings 2
Electrical Characteristics 3
Device Information 8
Application Information 10
Additional References 13

APPLICATIONS
• POL Modules
• Printer
• Digital TV
• Telecom

DESCRIPTION
The TPS40304A is a cost-optimized synchronous buck controller that operates from 3-V to 20-V input. The
controller implements a voltage-mode control architecture with input-voltage feed-forward compensation that
responds instantly to input voltage change. The switching frequency is fixed at 600 kHz.
Frequency Spread Spectrum feature adds dither to the switching frequency, significantly reducing the peak EMI
noise and making it much easier to comply with EMI standards.
The TPS40304A offers design with a variety of user programmable functions, including soft-start, overcurrent
protection (OCP) levels, and loop compensation.
The OCP level is programmed by a single external resistor connected from LDRV pin to circuit ground. During
initial power on, the TPS40304A enters a calibration cycle, measures the voltage at the LDRV pin, and sets an
internal OCP voltage level. During operation, the programmed OCP voltage level is compared to the voltage drop
across the low-side FET when it is on to determine whether there is an overcurrent condition. The TPS40304A
then enters a shutdown and restart cycle until the fault is removed.




Similar Part No. - TPS40304A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A Datasheet
527Kb / 20P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304ADRCR TI-TPS40304ADRCR Datasheet
445Kb / 18P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304ADRCR TI-TPS40304ADRCR Datasheet
527Kb / 20P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304ADRCT TI-TPS40304ADRCT Datasheet
445Kb / 18P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Similar Description - TPS40304A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
3-V to 20-V Input Synchronous Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com