Electronic Components Datasheet Search
  English  ▼

X  

TPS40056 Datasheet (PDF) - Texas Instruments

TPS40056 Datasheet PDF - Texas Instruments
Part # TPS40056
Download  TPS40056 Download
File Size   792.38 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER

TPS40056 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40056 Datasheet PDF - Texas Instruments

Part # TPS40056
Download  TPS40056 Click to download

File Size   792.38 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER

TPS40056 Datasheet (HTML) - Texas Instruments


TPS40056 Product details

FEATURES
Operating Input Voltage 10 V to 40 V
Output Voltage Tracks External Reference
Programmable Fixed-Frequency Up to
100 kHz to 1 MHz Voltage Mode Controller
Internal Gate Drive Outputs for High-Side
and Synchronous N-Channel MOSFETs
Externally Synchronizable
Programmable Short-Circuit Protection
Thermal Shutdown
16-Pin PowerPAD Package (θJC = 2°C/W)
Programmable Closed-Loop Soft-Start.

APPLICATIONS
DDR Tracking Regulators
Power Modules
Networking Equipment
Industrial Servers

CONTENTS
Device Ratings
Electrical Characteristics
Terminal Information
Application Information
Design Example
Additional References

DESCRIPTION
The TPS40056 is part of a family of high-voltage,
wide input, synchronous, step-down converters.
The TPS40056 offers design flexibility with a
variety of user programmable functions, including
soft-start, operating frequency, high-side current
limit, and loop compensation. The TPS40056 is
also synchronizable to an external supply. It
incorporates MOSFET gate drivers for external
N-channel high-side and synchronous rectifier
(SR) MOSFETs. Gate drive logic incorporates
anti-cross conduction circuitry to prevent
simultaneous high-side and synchronous rectifier
conduction. The externally programmable short
circuit protection provides pulse-by-pulse current
limit, as well as hiccup mode operation utilizing an
internal fault counter for longer duration
overloads.




Similar Part No. - TPS40056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40056 TI-TPS40056 Datasheet
769Kb / 31P
WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
TPS40056 TI1-TPS40056 Datasheet
1Mb / 33P
WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
TPS40056PWP TI-TPS40056PWP Datasheet
769Kb / 31P
WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
TPS40056PWP TI1-TPS40056PWP Datasheet
1Mb / 33P
WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
TPS40056PWPG4 TI1-TPS40056PWPG4 Datasheet
1Mb / 33P
WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
More results


Similar Description - TPS40056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40056 TI-TPS40056 Datasheet
769Kb / 31P
WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40056 TI1-TPS40056_16 Datasheet
1Mb / 33P
WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com