Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet (PDF) - Texas Instruments

TPS40021 Datasheet PDF - Texas Instruments
Part # TPS40021
Download  TPS40021 Download
File Size   819.57 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER

TPS40021 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40021 Datasheet PDF - Texas Instruments

Part # TPS40021
Download  TPS40021 Click to download

File Size   819.57 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER

TPS40021 Datasheet (HTML) - Texas Instruments


TPS40021 Product details

FEATURES
Operating Input Voltage 2.25 V to 5.5 V
Output Voltage as Low as 0.7 V
1% Internal 0.7 V Reference
Predictive Gate Drive N-Channel MOSFET
Drivers for Higher Efficiency
Externally Adjustable Soft-Start and Short
Circuit Current Limit
Programmable Fixed-Frequency
100 KHz-to-1 MHz Voltage-Mode Control
Source-Only Current or Source/Sink Current
Quick Response Output Transient
Comparators with Power Good Indication
Provide Output Status
16-Pin PowerPAD Package

APPLICATIONS
Networking Equipment
Telecom Equipment
Base Stations
Servers
DSP Power

DESCRIPTION
The TPS4002x family of dc-to-dc controllers are designed
for non-isolated synchronous buck regulators, providing
enhanced operation and design flexability through user
programmability.
The TPS4002x utilizes a proprietary Predictive Gate
Drive technology to minimize the diode conduction
losses associated with the high-side and synchronous
rectifier N-channel MOSFET transistions. The integrated
charge pump with boost circuit provides a regulated 5-V
gate drive for both the high side and synchronous rectifier
N-channel MOSFETs. The use of the Predictive Gate
Drive technology and charge pump/boost circuits
combine to provide a highly efficient, smaller and less
expensive converter.
Design flexibility is provided through user programmability
of such functions as: operating frequency, short circuit
current detection thresholds, soft-start ramp time, and
external synchronization frequency. The operating
frequency is programmable using a single resistor over a
frequency range of 100 kHz to 1 MHz. Higher operating
frequencies yield smaller component values for a given
converter power level as well as faster loop closure.




Similar Part No. - TPS40021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40021 TI-TPS40021 Datasheet
411Kb / 32P
ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021 TI1-TPS40021 Datasheet
1Mb / 39P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021 TI2-TPS40021 Datasheet
926Kb / 38P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
SEPTEMBER 2012
TPS40021 TI2-TPS40021 Datasheet
886Kb / 39P
LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
REVISED DECEMBER 2007
TPS40021-EP TI1-TPS40021-EP Datasheet
1Mb / 33P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
More results


Similar Description - TPS40021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI-TPS40020 Datasheet
411Kb / 32P
ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
logo
Texas Instruments
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_17 Datasheet
1Mb / 39P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com