Electronic Components Datasheet Search
  English  ▼

X  

TPS22925B Datasheet (PDF) - Texas Instruments

TPS22925B Datasheet PDF - Texas Instruments
Part # TPS22925B
Download  TPS22925B Download
File Size   822.01 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22925 3.6-V, 3-A, 9-mΩ On-Resistance Load Switch

TPS22925B Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22925B Datasheet PDF - Texas Instruments

Part # TPS22925B
Download  TPS22925B Click to download

File Size   822.01 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22925 3.6-V, 3-A, 9-mΩ On-Resistance Load Switch

TPS22925B Datasheet (HTML) - Texas Instruments


TPS22925B Product details

1 Features
1• Input Voltage Range: 0.65 V to 3.6 V
• On-Resistance
– RON = 9.2 mΩ at VIN = 3.6 V
– RON = 9.2 mΩ at VIN = 1.8 V
– RON = 10.2 mΩ at VIN = 1 V
– RON = 13.1 mΩ at VIN = 0.65 V
• 3-A Maximum Continuous Switch Current
• Quiescent Current, IQ,VIN = 29 μA at VIN = 3.6 V
• Low Control Input Threshold Enables 1.5-, 1.8-,
2.5-, or 3.3-V Logic
• Controlled Slew Rate
– tR = 97 μs at VIN = 3.6 V (TPS22925Bx)
– tR = 810 μs at VIN = 3.6 V (TPS22925Cx)
• Reverse Current Blocking (When Disabled)
• Quick Output Discharge (QOD) (TPS22925B and
TPS22925C only)
• Wafer Chip Scale Package:
– 0.9 mm x 1.4 mm, 0.5-mm Pitch, 0.4-mm
Height
• ESD Performance Tested per JESD 22
– 2-kV HBM and 1-kV CDM

2 Applications
• Computing
• SSD
• Tablets
• Wearables
• EPOS

3 Description
The TPS22925 product family consists of four
devices: TPS22925B, TPS22925BN, TPS22925C,
and TPS22925CN. Each device is a 9-mΩ, singlechannel
load switch with a controlled slew rate.
The devices contain an N–channel MOSFET that can
operate over an input voltage range of 0.65 V to
3.6 V and can support a maximum continuous current
of 3 A. This continuous current enables the devices to
be used across multiple designs and end equipments.
Each of the TPS22925 devices provides reverse
current blocking when disabled allowing for power
supply protection and power multiplexing capabilities.
The controlled rise time for the device greatly reduces
inrush current caused by large bulk load
capacitances, thereby reducing or eliminating power
supply droop. When operating with an input voltage
of 3.6 V, the TPS22925Bx devices feature a 97 μs
rise time and the TPS22925Cx devices feature an
810 μs rise time.
The TPS22925 family of devices can help reduce the
total solution size by offering an optional integrated,
150-Ω pull–down resistor for quick output discharge
(QOD) when the switch is turned off. Each of the
TPS22925 devices is available in a 0.9 mm × 1.4
mm, 0.5-mm pitch, 0.4-mm height 6–pin wafer chip
scale package (WCSP) allowing for smaller, more
integrated designs. The WCSP and 9 mΩ of onresistance
allow use in space constrained, battery
powered applications. The device is characterized for
operation over the free–air temperature range of
–40°C to +105°C.




Similar Part No. - TPS22925B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22925BNYPHR TI1-TPS22925BNYPHR Datasheet
629Kb / 25P
3.6-V, 3-A, 9Ohm On-Resistance Load Switch
TPS22925BNYPHT TI1-TPS22925BNYPHT Datasheet
629Kb / 25P
3.6-V, 3-A, 9Ohm On-Resistance Load Switch
TPS22925BYPHR TI1-TPS22925BYPHR Datasheet
629Kb / 25P
3.6-V, 3-A, 9Ohm On-Resistance Load Switch
TPS22925BYPHT TI1-TPS22925BYPHT Datasheet
629Kb / 25P
3.6-V, 3-A, 9Ohm On-Resistance Load Switch
More results


Similar Description - TPS22925B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22925 TI1-TPS22925 Datasheet
629Kb / 25P
3.6-V, 3-A, 9Ohm On-Resistance Load Switch
TPS22971 TI1-TPS22971 Datasheet
427Kb / 20P
3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22963C TI-TPS22963C_V01 Datasheet
1Mb / 28P
TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22995 TI-TPS22995_V01 Datasheet
1Mb / 30P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com