Electronic Components Datasheet Search
  English  ▼

X  

TPS22920X Datasheet (PDF) - Texas Instruments

TPS22920X Datasheet PDF - Texas Instruments
Part # TPS22920X
Download  TPS22920X Download
File Size   863.38 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22920x 3.6-V, 4-A, 5.3-mΩ On-Resistance, Integrated Load Switch with Controlled Turn-on

TPS22920X Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22920X Datasheet PDF - Texas Instruments

Part # TPS22920X
Download  TPS22920X Click to download

File Size   863.38 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22920x 3.6-V, 4-A, 5.3-mΩ On-Resistance, Integrated Load Switch with Controlled Turn-on

TPS22920X Datasheet (HTML) - Texas Instruments


TPS22920X Product details

1 Features
1• Input Voltage Range: 0.75 V to 3.6 V
• Integrated Load Switch
• Integrated Pass-FET rDSON = 2 mΩ (Typ) at 3.6 V
• Typical ON-Resistance
– rON = 5.3 mΩ at VIN = 3.6 V
– rON = 5.4 mΩ at VIN = 2.5 V
– rON = 5.5 mΩ at VIN = 1.8 V
– rON = 5.8 mΩ at VIN = 1.2 V
– rON = 6.1 mΩ at VIN = 1.05 V
– rON = 7.3 mΩ at VIN = 0.75 V
• CSP-8 Package 0.9 mm × 1.9 mm, 0.5 mm Pitch
• 4-A Maximum Continuous Switch Current
• Shutdown Current 5.5-μA Max
• ON-Logic Available in Both Active High/Low:
– TPS22920 is Active High
– TPS22920L is Active Low
• Low Threshold Control Input
• Controlled Slew-Rate to Avoid Inrush Current
• Quick Output Discharge Resistor
• ESD Performance Tested Per JESD 22
– 4000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)

2 Applications
• Notebook / Netbook Computer
• Tablet PC
• PDAs / Smartphones
• GPS Navigation Devices
• MP3 Players

3 Description
The TPS22920x is a small, space-saving load switch
with controlled turn on to reduce inrush current. The
device contains a N-channel MOSFET that can
operate over an input voltage range of 0.75 V to 3.6
V and switch currents up to 4 A. An integrated charge
pump biases the NMOS switch in order to achieve a
minimum switch ON resistance (rON). The switch is
controlled by an on/off input (ON), which is capable of
interfacing directly with low-voltage control signals.
The TPS22920x has a 1250-Ω on-chip resistor for
quick output discharge when the switch is turned off
which insures that the output is not left floating.
The TPS22920x has an internally controlled rise time
in order to reduce inrush current.
The TPS22920x is available in an ultra-small, spacesaving
8-pin CSP package and is characterized for
operation over the free-air temperature range of
–40°C to 85°C.




Similar Part No. - TPS22920X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920 TI1-TPS22920 Datasheet
878Kb / 21P
Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
899Kb / 19P
Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
1Mb / 26P
On-Resistance, Integrated Load Switch
More results


Similar Description - TPS22920X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920 TI1-TPS22920_14 Datasheet
878Kb / 21P
Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5010 GMT-G5010 Datasheet
75Kb / 1P
Dual-Low On-Resistance Load Switch with Controlled Turn-On
logo
Texas Instruments
TPS22925 TI1-TPS22925 Datasheet
629Kb / 25P
3.6-V, 3-A, 9Ohm On-Resistance Load Switch
logo
Advanced Power Electron...
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22963C TI-TPS22963C_V01 Datasheet
1Mb / 28P
TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com