Electronic Components Datasheet Search
  English  ▼

X  

TPS22950 Datasheet (PDF) - Texas Instruments

TPS22950 Datasheet PDF - Texas Instruments
Part # TPS22950
Download  TPS22950 Download
File Size   956.27 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit

TPS22950 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22950 Datasheet PDF - Texas Instruments

Part # TPS22950
Download  TPS22950 Click to download

File Size   956.27 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit

TPS22950 Datasheet (HTML) - Texas Instruments


TPS22950 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
• Input operating voltage range (VIN): 1.8 V – 5.5 V
• Output current limit (ILIMIT): 0.05 A – 3.5 A (typ)
• Thermal shutdown (TSD)
• ON-resistance (RON):
– RON at VIN = 5 V: 34 mΩ (typ)
– RON at VIN = 3.3 V: 41 mΩ (typ)
• Slow turn-ON timing limits inrush current (typ):
– tON at VIN = 5 V: 832 μs
– tON at VIN = 3.3 V: 695 μs
• Always-ON true reverse current blocking (RCB)
• Fault indication (FLT)
• Quick output discharge (QOD): 130 Ω
• Smart ON pin pulldown (RPD,ON):
– ON ≥ VIH (ION): 50 nA (max)
– ON ≤ VIL (RPD,ON): 500 kΩ (typ)
• Low power consumption:
– ON state (IQ): 40 μA (typ)
– OFF state (ISD): 0.2 μA (typ)
• UL 2367 recognition – file no. E169910
– Certified from ILIM = 66 mA to 2.46 A

2 Applications
• Infotainment and cluster head unit
• Automotive cluster display
• ADAS surround view system ECU
• Body control module and gateway

3 Description
The TPS22950-Q1 is a small, single channel load
switch with robust protection against fault cases with
adjustable output current limiting, reverse current
blocking, and thermal shutdown.
The switch ON state is controlled by a digital input
that is capable of interfacing directly with low-voltage
control signals. When power is first applied, a smart
pulldown is used to keep the ON pin from floating
until system sequencing is complete. After the pin is
deliberately driven high (>VIH), the smart pulldown is
disconnected to prevent unnecessary power loss.
TPS22950-Q1 is available in a standard SOT
package characterized for operation over an ambient
temperature range of –40°C to 125°C.




Similar Part No. - TPS22950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22950 TI-TPS22950 Datasheet
1Mb / 26P
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
DECEMBER 2020
TPS22950 TI-TPS22950 Datasheet
1Mb / 29P
TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
TPS22950 TI-TPS22950 Datasheet
1Mb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950 TI-TPS22950 Datasheet
914Kb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
More results


Similar Description - TPS22950

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
Load Switch with Adjustable Current-Limit Control
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
Precision Load Switch with Adjustable Current Limit
logo
Texas Instruments
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22950 TI-TPS22950_V01 Datasheet
1Mb / 26P
TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
DECEMBER 2020
TPS22950 TI-TPS22950_V02 Datasheet
1Mb / 29P
TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22950-Q1 TI-TPS22950-Q1 Datasheet
1Mb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950-Q1 TI-TPS22950-Q1_V01 Datasheet
914Kb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com