Electronic Components Datasheet Search
  English  ▼

X  

TPS22946 Datasheet (PDF) - Texas Instruments

TPS22946 Datasheet PDF - Texas Instruments
Part # TPS22946
Download  TPS22946 Download
File Size   877.79 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22946 Ultralow Power, Low Input Voltage, Current-Limited Load Switch With Shutoff, Auto-Restart, and Overcurrent Condition Time-Out

TPS22946 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22946 Datasheet PDF - Texas Instruments

Part # TPS22946
Download  TPS22946 Click to download

File Size   877.79 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22946 Ultralow Power, Low Input Voltage, Current-Limited Load Switch With Shutoff, Auto-Restart, and Overcurrent Condition Time-Out

TPS22946 Datasheet (HTML) - Texas Instruments


TPS22946 Product details

1 Features
1• Ultralow Quiescent Current 1 μA (Typical)
at VIN = 1.8 V
• Input Voltage Range: 1.62 V to 5.5 V
• Low ON-Resistance
– r ON = 300 mΩ at VIN = 5.5 V
– rON = 400 mΩ at VIN = 3.3 V
– rON = 500 mΩ at VIN = 2.5 V
– rON = 600 mΩ at VIN = 1.8 V
• Selectable Minimum Current Limit: over155
mA, 70 mA, or 30 mA
• Integrated Inrush Current Time-out (8 ms)
• Shutdown Current: < 1 μA
• Thermal Shutdown
• Fault Blanking
• Auto Restart
• Overcurrent Condition Time-out (Automatic
Disable for Permanent Overcurrent)
• 1.8-V Compatible Control Input
• ESD Performance Tested Per JESD 22
– 6000-V Human-Body Model
(A114-B, Class II)
• Tiny DSGBA Package 1.4 mm × 0.9 mm (YZP)

2 Applications
• Fingerprint Module Protection
• Portable Consumer Electronics
• Mobile Phones
• Smartphones
• Notebooks
• GPS Devices

3 Description
The TPS22946 is an ultralow power load switch that
provides protection to systems and loads in highcurrent
conditions. The device contains a 300-mΩ
current-limited P-channel MOSFET that can operate
over an input voltage range of 1.62 V to 5.5 V. The
switch is controlled by an on/off input (ON), which can
interface directly with low-voltage control signals. The
TPS22946 includes thermal shutdown protection that
prevents damage to the device when a continuous
over-current condition causes excessive heating by
turning off the switch.
When the switch current reaches the maximum limit,
the TPS22946 operates in a constant-current mode to
prohibit excessive currents from causing damage.
The current limit can be selected using the CL input:
a high CL input sets the current limit to 155 mA, a low
CL input sets the current limit to 70 mA, and a
floating CL input sets the current limit to 30 mA.
If the constant current condition persists after 10 ms,
the switch is turned off and the fault signal pin (OC) is
pulled low. The TPS22946 has an auto-restart feature
which turns the switch on again after 70 ms if the ON
pin is still active. If the TPS22946 remains in an over155
current condition for 5 seconds, the device shuts off
until it is turned on again by setting the ON control
signal off and then on.
If the device is used to protect an LDO, the inrush
current required by the LDO at startup can, in some
cases, exceed the current limit and initiate a blanking
(current limiting) condition. The TPS22946 provides
allowance for this scenario during startup of the LDO by temporarily increasing the current limit to 435 mA
for 8 ms after the load switch is enabled.
The TPS22946 is available in space-saving 6-pin
DSBGA (YZP) package. The device is characterized
for operation over the free-air temperature range of
–40°C to 85°C.




Similar Part No. - TPS22946

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22946 TI-TPS22946 Datasheet
695Kb / 30P
ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
TPS22946 TI-TPS22946 Datasheet
459Kb / 26P
ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
TPS22946YZPR TI-TPS22946YZPR Datasheet
695Kb / 30P
ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
TPS22946YZPR TI-TPS22946YZPR Datasheet
459Kb / 26P
ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
TPS22946 TI-TPS22946_10 Datasheet
459Kb / 26P
ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
More results


Similar Description - TPS22946

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
Current Limited Load Switch
2006.09.1.3
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
Current Limited Load Switch
2006.09.1.3
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
Current Limited Load Switch
2006.05.1.2
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
Current Limited Load Switch
logo
Texas Instruments
TPS22941 TI-TPS22941 Datasheet
542Kb / 19P
LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22946 TI-TPS22946 Datasheet
695Kb / 30P
ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
TPS22941 TI-TPS22941_10 Datasheet
542Kb / 19P
LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22946 TI-TPS22946_10 Datasheet
459Kb / 26P
ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
logo
Global Mixed-mode Techn...
G527 GMT-G527 Datasheet
110Kb / 1P
Current Limited Load Switch
G5255 GMT-G5255 Datasheet
75Kb / 1P
Current Limited Load Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com