Electronic Components Datasheet Search
  English  ▼

X  

2379237-2 Datasheet (PDF) - TE Connectivity Ltd

2379237-2 Datasheet PDF - TE Connectivity Ltd
Part # 2379237-2
Download  2379237-2 Download
File Size   1742.73 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description NECTOR T PLUGGABLE CONNECTORS

2379237-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
2379237-2 Datasheet PDF - TE Connectivity Ltd

Part # 2379237-2
Download  2379237-2 Click to download

File Size   1742.73 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description NECTOR T PLUGGABLE CONNECTORS

2379237-2 Datasheet (HTML) - TE Connectivity Ltd


2379237-2 Product details

BENEFITS
• Easy to install and repair with standard tools
• Provides flexibility and material cost savings during installation by
reducing waste
• Allows pre-terminated cables with lower labor / installation costs
• Protects against UV (sun light) rain and dust for use outdoors without
functional failure due to the environment providing long-life and
reliability
• Provides protection to the mating interface in an unmated / open
condition
• Eliminates mis-mating and potential re-work

APPLICATIONS
• Horticultural lighting installations
• Farm lights
• Grow light connections
• Sealed power distribution

MECHANICAL
• Cable gland range:
• Range 1: Ø7 to Ø11 mm
• Range 2: Ø11 to Ø15 mm
• Polarizing key A & B
• Crimp terminal range:
• 1.5 mm2 or 16 AWG
• 2.5 mm2 or 14 AWG
• 4.0 mm2 or 12 AWG
• IP rated: IP67, IP68

ELECTRICAL
• 600 Vac (UL)
• 500 Vac (IEC)
• 10 to 25 Amp

STANDARD
• UL 2238
• IEC 61535-1

MATERIALS
• PBT + PC resin with UL 94 V0 & UV F1 rating
• Contacts high performance copper

SPECIFICATIONS
• Application Spec: 114-133123
• Product Spec: 108-133123




Similar Part No. - 2379237-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2379238-1 TEC-2379238-1 Datasheet
904Kb / 2P
NECTOR T, 3Pos, PIN CONNECTOR SCREW TYPE
2379238-2 TEC-2379238-2 Datasheet
904Kb / 2P
NECTOR T, 3Pos, PIN CONNECTOR SCREW TYPE
2379239-1 TEC-2379239-1 Datasheet
884Kb / 2P
NECTOR T, 3Pos, SOCKET CONNECTOR CRIMP TYPE
2379239-2 TEC-2379239-2 Datasheet
884Kb / 2P
NECTOR T, 3Pos, SOCKET CONNECTOR CRIMP TYPE
More results


Similar Description - 2379237-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2213434 TEC-C-2213434 Datasheet
996Kb / 2P
T-SPLITTER, NECTOR M, 3 POSN, SEALED
C-2379238 TEC-C-2379238 Datasheet
904Kb / 2P
NECTOR T, 3Pos, PIN CONNECTOR SCREW TYPE
C-2379239 TEC-C-2379239 Datasheet
884Kb / 2P
NECTOR T, 3Pos, SOCKET CONNECTOR CRIMP TYPE
C-2359420 TEC-C-2359420 Datasheet
871Kb / 1P
NECTOR T, 3Pos, T-SPLITTER
C-2359421 TEC-C-2359421 Datasheet
1,023Kb / 1P
NECTOR T, 3Pos, MULTI SPLITTER
C-2359422 TEC-C-2359422 Datasheet
560Kb / 2P
NECTOR T, 3Pos, SOCKET CONNECTOR PANEL MOUNT
C-2359527 TEC-C-2359527 Datasheet
270Kb / 1P
NECTOR T, CRIMP SOCKET CONTACT
C-2359528 TEC-C-2359528 Datasheet
265Kb / 1P
NECTOR T, CRIMP PIN CONTACT
C-2363703 TEC-C-2363703 Datasheet
239Kb / 1P
NECTOR T, 3Pos, PIN CONNECTOR DUST CAP
C-2366866 TEC-C-2366866 Datasheet
186Kb / 1P
NECTOR T, 3Pos, SOCKET CONN. DUST CAP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com