Electronic Components Datasheet Search
  English  ▼

X  

AB38S-Q Datasheet (PDF) - Comus International

AB38S-Q Datasheet PDF - Comus International
Part # AB38S-Q
Download  AB38S-Q Download
File Size   1285.44 Kbytes
Page   3 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description AEC-Q101 Certified - 1 Form A - PhotoDMOS Relays

AB38S-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AB38S-Q Datasheet PDF - Comus International

Part # AB38S-Q
Download  AB38S-Q Click to download

File Size   1285.44 Kbytes
Page   3 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description AEC-Q101 Certified - 1 Form A - PhotoDMOS Relays

AB38S-Q Datasheet (HTML) - Comus International


AB38S-Q Product details

FEATURES
• PhotoDMOS Relays
• AEC-Q101 Certification for Automotive Applications
• 600 Volt, 70 mA
• On-Resistance 60 Ω Max.
• I/O Breakdown Voltage: SOP 1500 Vrms Min.
• Max LED Current 3.0 mA
• Tape and Reel, add R1 (Example: AB38S-Q-R1)




Similar Part No. - AB38S-Q

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
AB38S CHENDA-AB38S Datasheet
741Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB38S CHENDA-AB38S Datasheet
751Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB38S CHENDA-AB38S Datasheet
464Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Similar Description - AB38S-Q

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1526A VISHAY-LH1526A Datasheet
167Kb / 8P
Dual 1 Form A Solid-State Relays
26-Oct-04
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
TT Electronics.
HA65A TTELEC-HA65A Datasheet
473Kb / 2P
AEC-Q200 certified
logo
STMicroelectronics
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
AEC-Q101 qualified
21-Nov-2016
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
AEC-Q101 qualified
January 2017 Rev 4
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
AEC-Q101 qualified
03-Oct-2016
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
AEC-Q101 qualified
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
AEC-Q101 qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com