Electronic Components Datasheet Search
  English  ▼

X  

TPS77350 Datasheet (PDF) - Texas Instruments

TPS77350 Datasheet PDF - Texas Instruments
Part # TPS77350
Download  TPS77350 Download
File Size   945.18 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS77301/315/316/318/327/328/333/350 WITH RESET OUTPUT TPS77401/415/418/427/428/433/450 WITH POWER GOOD OUTPUT 250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING

TPS77350 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS77350 Datasheet PDF - Texas Instruments

Part # TPS77350
Download  TPS77350 Click to download

File Size   945.18 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS77301/315/316/318/327/328/333/350 WITH RESET OUTPUT TPS77401/415/418/427/428/433/450 WITH POWER GOOD OUTPUT 250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING

TPS77350 Datasheet (HTML) - Texas Instruments


TPS77350 Product details

Open Drain Power-On Reset With 220-ms
Delay (TPS773xx)
Open Drain Power-Good (PG) Status
Output (TPS774xx)
250-mA Low-Dropout Voltage Regulator
Available in 1.5-V, 1.6-V (TPS77316 Only),
1.8-V, 2.7-V, 2.8-V, 3.3-V, 5.0-V Fixed Output
and Adjustable Versions
Dropout Voltage Typically 200 mV
at 250 mA (TPS77333, TPS77433)
Ultralow 92-μA Quiescent Current (Typ)
8-Pin MSOP (DGK) Package
Low Noise (55 μVrms) Without an External
Filter (Bypass) Capacitor (TPS77318,
TPS77418)
2% Tolerance Over Specified Conditions
For Fixed-Output Versions
Fast Transient Response
Thermal Shutdown Protection
See the TPS779xx Family of Devices for
Active High Enable

description
The TPS773xx and TPS774xx are low-dropout
regulators with integrated power-on reset and
power good (PG) function respectively. These
devices are capable of supplying 250 mA of output
current with a dropout of 200 mV (TPS77333,
TPS77433). Quiescent current is 92 μA at full load
dropping down to 1 μA when device is disabled.
These devices are optimized to be stable with a
wide range of output capacitors including low ESR
ceramic (10 μF) or low capacitance (1 μF)
tantalum capacitors. These devices have extremely
low noise output performance (55 μVrms)
without using any added filter capacitors.
TPS773xx and TPS774xx are designed to have
fast transient response for larger load current
changes.
The TPS773xx or TPS774xx is offered in 1.5-V, 1.6 V (TPS77316 only), 1.8-V, 2.7-V, 2.8-V, 3.3-V, and 5.0-V
fixed-voltage versions and in an adjustable version (programmable over the range of 1.5 V to 5.5 V). Output
voltage tolerance is 2% over line, load, and temperature ranges. The TPS773xx and TPS774xx families are
available in 8-pin MSOP (DGK) packages.




Similar Part No. - TPS77350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77350 TI-TPS77350 Datasheet
347Kb / 24P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI-TPS77350 Datasheet
518Kb / 26P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI1-TPS77350 Datasheet
883Kb / 25P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350DGK TI-TPS77350DGK Datasheet
347Kb / 24P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350DGK TI-TPS77350DGK Datasheet
518Kb / 26P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results


Similar Description - TPS77350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77115 TI-TPS77115 Datasheet
351Kb / 10P
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI-TPS77350 Datasheet
347Kb / 24P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77250 TI-TPS77250 Datasheet
354Kb / 25P
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI-TPS77101_07 Datasheet
406Kb / 28P
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI-TPS77301_08 Datasheet
518Kb / 26P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101-Q1 TI1-TPS77101-Q1 Datasheet
431Kb / 25P
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
TPS771 TI-TPS771_15 Datasheet
716Kb / 26P
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI1-TPS77101_16 Datasheet
1Mb / 26P
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI1-TPS77301_16 Datasheet
883Kb / 25P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com