Electronic Components Datasheet Search
  English  ▼

X  

TPS72218DBVT.B Datasheet (PDF) - Texas Instruments

TPS72218DBVT.B Datasheet PDF - Texas Instruments
Part # TPS72218DBVT.B
Download  TPS72218DBVT.B Download
File Size   925.33 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS

TPS72218DBVT.B Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS72218DBVT.B Datasheet PDF - Texas Instruments

Part # TPS72218DBVT.B
Download  TPS72218DBVT.B Click to download

File Size   925.33 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS

TPS72218DBVT.B Datasheet (HTML) - Texas Instruments


TPS72218DBVT.B Product details

FEATURES
50-mA LDO
Available in 1.5-V, 1.6-V, and 1.8-V
Fixed-Output and Adjustable Versions
Low Input Voltage Requirement
Down to 1.8 V)
Small Output Capacitor, 0.1-μF
Dropout Voltage Typically 50 mV at 50 mA
Less Than 1 μA Quiescent Current in
Shutdown Mode
Thermal Protection
Over Current Limitation
5-Pin SOT-23 (DBV) Package

APPLICATIONS
Portable Communication Devices
Battery Powered Equipment
PCMCIA Cards
Personal Digital Assistants
Modems
Bar Code Scanners
Backup Power Supplies
SMPS Post Regulation
Internet Audio

DESCRIPTION
The TPS722xx family of LDO regulators is available in
fixed voltage options that are commonly used to power
the latest DSP’s and microcontrollers with an adjustable
option ranging from 1.22 V to 2.5 V. These regulators
can be used in a wide variety of applications ranging
from portable, battery-powered equipment to PC
peripherals. The family features operation over a wide
range of input voltages (1.8 V to 5.5 V) and low dropout
voltage (50 mV at full load). Therefore, compared to
many other regulators that require 2.5-V or higher input
voltages for operation, these regulators can be
operated directly from two AAA batteries. Also, the
typical quiescent current (ground pin current) is low,
starting at 85 μA during normal operation and 1 μA in
shutdown mode. Thus, these regulators can be
operated very efficiently and, in a battery-powered
application, help extend the longevity of the device.
Similar LDO regulators require 1-μF or larger output
capacitors for stability. However, this regulator uses an
internal compensation scheme that stabilizes the
feedback loop over the full range of input voltages and
load currents with output capacitances as low as
0.1-μF. Ceramic capacitors of this size are relatively
inexpensive and available in small footprints.
This family of regulators is particularly suited as a
portable power supply solution due to its minimal board
space requirement and 1.8-V minimum input voltage.
Being able to use two off-the-shelf, AAA, batteries
makes system design easier and also reduces
component cost. Moreover, the solution will be more
efficient than if a regulator with a higher input voltage is
used.




Similar Part No. - TPS72218DBVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72218DBVT TI-TPS72218DBVT Datasheet
119Kb / 11P
LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72218DBVT TI-TPS72218DBVT Datasheet
741Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72218DBVTG4 TI-TPS72218DBVTG4 Datasheet
741Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Similar Description - TPS72218DBVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101 Datasheet
203Kb / 14P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72201 TI-TPS72201 Datasheet
119Kb / 11P
LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101_07 Datasheet
350Kb / 13P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
TPS76030 TI1-TPS76030_11 Datasheet
666Kb / 16P
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72218DBVRG4 TI-TPS72218DBVRG4 Datasheet
741Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS722 TI-TPS722 Datasheet
756Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS721 TI-TPS721_15 Datasheet
762Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI1-TPS72101_16 Datasheet
868Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com