Electronic Components Datasheet Search
  English  ▼

X  

TPS2377PW Datasheet (PDF) - Texas Instruments

TPS2377PW Datasheet PDF - Texas Instruments
Part # TPS2377PW
Download  TPS2377PW Download
File Size   896.52 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description IEEE 802.3af PoE POWERED DEVICE CONTROLLERS

TPS2377PW Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2377PW Datasheet PDF - Texas Instruments

Part # TPS2377PW
Download  TPS2377PW Click to download

File Size   896.52 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description IEEE 802.3af PoE POWERED DEVICE CONTROLLERS

TPS2377PW Datasheet (HTML) - Texas Instruments


TPS2377PW Product details

1FEATURES
· Fully Supports IEEE 802.3af Specification
· Integrated 0.58-Ω, 100-V, Low-Side Switch
· 15-kV System Level ESD Capable
· Supports Use of Low-Cost Silicon Rectifiers
· Programmable Inrush Current Control
· Fixed 450-mA Current Limit
· Fixed and Adjustable UVLO Options
· Open-Drain, Power-Good Reporting
· Overtemperature Protection
· Industrial Temperature Range: -40°C to 85°C
· 8-Pin SOIC and TSSOP Packages

APPLICATIONS
· VoIP Phones
· WLAN Access Points
· Security Cameras
· Internet Appliances
· POS Terminals

DESCRIPTION
These easy-to-use 8-pin integrated circuits contain all of the features needed to develop an IEEE 802.3af
compliant powered device (PD). The TPS2375 family is a second generation PDC (PD Controller) featuring
100-V ratings and a true open-drain, power-good function.
In addition to the basic functions of detection, classification and undervoltage lockout (UVLO), these controllers
include an adjustable inrush limiting feature. The TPS2375 has 802.3af compliant UVLO limits, the TPS2377 has
legacy UVLO limits, and the TPS2376 has a programmable UVLO with a dedicated input pin.
The TPS2375 family specifications incorporate a voltage offset of 1.5 V between its limits and the IEEE 802.3af
specifications to accommodate the required input diode bridges used to make the PD polarity insensitive.
Additional resources can be found on the TI Web site www.ti.com.




Similar Part No. - TPS2377PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2377PW TI-TPS2377PW Datasheet
433Kb / 21P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377PW TI-TPS2377PW Datasheet
895Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377PWG4 TI-TPS2377PWG4 Datasheet
895Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377PWRG4 TI-TPS2377PWRG4 Datasheet
895Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
More results


Similar Description - TPS2377PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
logo
Texas Instruments
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375-1 TI1-TPS2375-1_17 Datasheet
1Mb / 27P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
IEEE 802.3af/at, PoE, Powered Device, Interface Controller
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com